Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2016L100/33 Datasheet(PDF) 8 Page - Littelfuse

Part # 2016L100/33
Description  POLYFUSE짰 Resettable PTCs Surface Mount
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L100/33 Datasheet(HTML) 8 Page - Littelfuse

Back Button 2016L100/33 Datasheet HTML 4Page - Littelfuse 2016L100/33 Datasheet HTML 5Page - Littelfuse 2016L100/33 Datasheet HTML 6Page - Littelfuse 2016L100/33 Datasheet HTML 7Page - Littelfuse 2016L100/33 Datasheet HTML 8Page - Littelfuse 2016L100/33 Datasheet HTML 9Page - Littelfuse 2016L100/33 Datasheet HTML 10Page - Littelfuse 2016L100/33 Datasheet HTML 11Page - Littelfuse 2016L100/33 Datasheet HTML 12Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
www.littelfuse.com
©2006 Littelfuse

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Surface Mount
0L Series
Specifications are subject to change without notice.
Part Numbering System
PACKAGING STYLE
SIZE
L: LITTELFUSE SURFACE MOUNT PPTC
I
HOLD HOLD CURRENT CODE (SEE TABLE BELOW)
/XX: SPECIAL VOLTAGE RATING (NOT APPLICABLE TO ALL PARTS)
QUANTITY CODE: W=3000 Y=4000
R: Tape & Reel
1206 L 035 /16 W R
SERIES
Dimensions
Part
Number
A
B
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches mm
Inches
mm
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min.
Min. Min Max. Min. Max.
1206L012
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.03
0.06
0.65
1.45
0.01
0.2
0.004 0.02
0.1
0.45
1206L016
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.03
0.06
0.65
1.45
0.01
0.2
0.004 0.02
0.1
0.45
1206L020-C
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.04
0.5
1
0.01
0.2
0.004 0.02
0.1
0.45
1206L025-C
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.04
0.5
1
0.01
0.2
0.004 0.02
0.1
0.45
1206L035-C
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.03
0.45
0.75
0.01
0.2
0.004 0.02
0.1
0.45
1206L035/16
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.03
0.45
0.75
0.01
0.2
0.004 0.02
0.1
0.45
1206L050-C
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.03
0.45
0.75
0.01
0.2
0.004 0.02
0.1
0.45
1206L050/15
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.03
0.45
0.75
0.01
0.2
0.004 0.02
0.1
0.45
1206L075-C
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.05
0.45
1.25
0.01
0.2
0.004 0.02
0.1
0.45
1206L100
0.12
0.13
3
3.4
0.06
0.07
1.5
1.8
0.03
0.04
0.75
1
0.01
0.2
0.004 0.02
0.1
0.45
1206L110-C
0.12
0.13
3
3.4
0.06
0.07
1.5
1.8
0.03
0.04
0.75
1
0.01
0.2
0.004 0.02
0.1
0.45
1206L150-C
0.12
0.13
3
3.4
0.06
0.07
1.5
1.8
0.03
0.06
0.85
1.4
0.01
0.2
0.004 0.02
0.1
0.45
C
Top
View
Pad
Layout
Side
View
Bottom
View
1.80 mm
(.071)
1.80 mm
(.071)
1.00 mm
(.040)
D
MARKING CODE VARIES
WITH AMPERAGE RATING
(SEE CHART)
SHOWN IS 1.6AMP RATING
E
A
B
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com