Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U545CEU6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32U545CEU6
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32U545CEU6 Datasheet HTML 3Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 4Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 5Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 6Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 7Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 8Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 9Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 10Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
•
NetX duo
–
Industrial grade networking stack: optimized for performance coming with many IoT protocols.
•
FileX/levelX
–
Advanced flash memory file system (FS) / flash memory translation layer (FTL): fully featured to
support NAND/NOR flash memories
•
USBX
–
USB host and device stacks coming with many classes
•
USB PD device and Core libraries
–
New USB Type-C® power delivery service. Implementing a dedicated protocol for the management of
power in this evolution of the USB.org specification. Refer to http://www.usb.org/developers/
powerdelivery/ for more details.
–
PD3 specifications (support of source / sink / dual role)
–
Fast role swap
–
Dead battery
–
Use of configuration files to change the core and the library configuration without changing the library
code (read only)
–
RTOS and standalone operation
–
Link with the low-level driver through an abstraction layer using the configuration file. The goal is to
avoid any dependency between the library and the low-level drivers
•
Open bootloader
–
It provides an open source bootloader with exactly the same features as the STM32 system
bootloader and with the same tools used for the system bootloader.
•
Arm trusted firmware-M (TF-M)
–
Reference implementation of the Arm platform security architecture (PSA) for TrustZone®
–
Secure services are:
◦
Secure storage service
◦
Attestation
◦
Crypto service
◦
TF-M audit log
◦
Platform service
Note:
An example of the TF-M application is available in the STM32CubeU5 firmware package under
\Projects\B-U585I-IOT02A\Applications\TFM.
•
MCU boot
•
Mbed™ crypto
–
Open source cryptography library that supports a wide range of cryptographic operations, including:
◦
Key management
◦
Hashing
◦
Symmetric cryptography
◦
Asymmetric cryptography
◦
Message authentication (MAC)
◦
Key generation and derivation
◦
Authenticated encryption with associated data (AEAD).
•
Network Library
–
It provides network services on STM32 devices.
–
It provides a socket API (BSD like style) with support of secure or nonsecure connection. It provides
also an API to control the lifecycle of the network adapters.
–
Three classes of network adapters are supported WIFI, Ethernet, and cellular. Different WIFI modules
are supported from third party vendors.
•
The STM32 touch sensing library:
–
Robust STMTouch capacitive touch sensing solution supporting proximity, touchkey, linear and rotary
touch sensors. It is based on a proven surface charge transfer acquisition principle.
UM2883
STM32CubeU5 architecture overview
UM2883 - Rev 4
page 7/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com