Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U545CEU6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32U545CEU6
Description  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32U545CEU6 Datasheet HTML 14Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 15Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 16Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 17Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 18Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 19Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 20Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 21Page - STMicroelectronics STM32U545CEU6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
•
STM32CubeIDE
1. Open the STM32CubeIDE toolchain
2. Click file → switch workspace → other and browse to the STM32CubeIDE workspace directory
3. Click file → import, select General → existing projects into workspace and then click next
4. Browse to the STM32CubeIDE workspace directory and select the project
5. Rebuild all project files: select the project in the project explorer window then click the project →
build project menu
6. Run program: Run → Debug (F11)
5.2
Developing a custom application
Note:
The instruction cache (ICACHE) must be enabled by software to get a zero wait-state execution from flash
memory and external memories. It also reaches the maximum performance and a better power consumption.
Note:
The data cache (DCACHE) introduced on an S-AHB system bus of Cortex®-M33 processor to improve the
performance of data traffic to/from external memories, must be enabled when using external memories.
5.2.1
Using STM32CubeMX to develop or update an application
In the STM32CubeU5 MCU package, nearly all example projects are generated with the STM32CubeMX tool to
initialize the system, peripherals, and middleware.
The direct use of an existing example project from the STM32CubeMX tool requires STM32CubeMX 6.3.0 or
higher:
•
After the installation of STM32CubeMX, open and if necessary update a proposed project. The simplest
way to open an existing project is to double-click on the *.ioc file so that STM32CubeMX automatically
opens the project and its source files.
•
The initialization source code of such projects is generated by STM32CubeMX; the main application source
code is contained by the comments “USER CODE BEGIN” and “USER CODE END”. In case the IP
selection and setting are modified, STM32CubeMX updates the initialization part of the code but preserves
the main application source code.
For developing a custom project in the STM32CubeMX, follow the step-by-step process:
1. Select the STM32 microcontroller that matches the required set of peripherals.
2. Configure all the required embedded software using a pinout-conflict solver, a clock-tree setting helper, a
power consumption calculator, and the utility performing MCU peripheral configuration (such as GPIO or
USART) and middleware stacks (such as USB).
3. Generate the initialization C code based on the selected configuration. This code is ready to use within several
development environments. The user code is kept at the next code generation.
For more information about STM32CubeMX, refer to the STM32CubeMX for STM32 configuration and
initialization C code generation (UM1718).
For a list of the available example projects for the STM32CubeU5, refer to the STM32Cube firmware examples for
the STM32U5 series application note.
5.2.2
HAL application
This section describes the steps required to create a custom HAL application using STM32CubeU5:
UM2883
Getting started with STM32CubeU5
UM2883 - Rev 4
page 18/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com