Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78452WM Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78452WM
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452WM Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78452WM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78452WM Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
EM78452
8-Bit Microcontroller
30
•
Product Specification (V1.0) 10.18.2007
(This specification is subject to change without further notice)
MOV 0X06,A
MOV A,@0X00
MOV 0X0B,A
NOP
JBC 0X0D,4
JMP $-2
BS 0X0D,4
JMP INITI
BC 0x0C,1
NOP
JMP SPI
DELAY:
EOP
ORG 0XFFF
BS 0x0C,7
; Send a signal to master to prevent
; infinite loop
; (user’s program)
5.6 Timer 1
5.6.1 Overview
Timer 1 (TMR1) is an 8-bit clock counter with programmable prescaler. The TMR1 is in
SPI baud rate clock generator mode (SBRS0, SBRS1and SBRS2 a1l set to 1) and then
SPI control register Bit 4 (SSE) is set to “1”. Timer 1 will be enabled automatically
without setting TM1E. TMR1 can be read and written to, and cleared on any reset
conditions.
5.6.2 Function Description
Fig. 5-14 shows Timer 1 block diagram. Each signal and block is described as follows:
OSC / 4
TMR1
up Counter
Set TM1IF
TM1E
Overflow
Set predict value
TMR1 value
Prescaler
1:1~1:16
In SPI baud
generator mode ?
No
Yes
Interrupt
Interrupt
and
SPI clock output
T1ROS
0
1
Fig. 5-14 Timer 1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com