Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U375CEU6QTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32U375CEU6QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6QTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32U375CEU6QTR Datasheet HTML 17Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 18Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 19Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 20Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 21Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 22Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 23Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 24Page - STMicroelectronics STM32U375CEU6QTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 222 page
background image
3.8.4
VBAT operation
The VBAT pin allows the device VBAT domain to be powered from an external battery or an external
supercapacitor.
The VBAT pin supplies the RTC with LSE, antitamper detection (TAMP), backup registers. Five antitamper
detection pins are available in VBAT mode.
The VBAT operation is automatically activated when VDD is not present. An internal VBAT battery charging circuit
is embedded and can be activated when VDD is present.
Note:
When the microcontroller is supplied from VBAT, neither external interrupts nor RTC/TAMP alarm/events exit the
microcontroller from the VBAT operation.
3.8.5
PWR TrustZone® security
When the TrustZone® security is activated by the TZEN option bit, some PWR register fields can be secured
against nonsecure access.
The PWR TrustZone® security allows the following features to be secured:
•
Low-power mode
•
WKUP (wake-up) pins
•
Voltage detection and monitoring
•
VBAT mode
•
I/Os pull-up/pull-down configuration
Other PWR configuration bits are secure when:
•
The system clock selection is secure in RCC: the voltage scaling configuration and the regulator booster
(BOOSTEN) are secure.
•
A GPIO is configured as secure: its corresponding bit for pull-up/pull-down configuration in Standby mode
is secure.
3.9
Low-power modes
The ultra-low-power STM32U375xx devices support several low-power modes to save power when the CPU does
not need to be kept running, for example when waiting for an external event. It is up to the user to select the mode
that gives the best compromise between low-power consumption, short startup time, and available wake-up
sources.
Table 8. STM32U375xx low-power modes overview details the related low-power modes.
Table 8. STM32U375xx low-power modes overview
Mode name
Entry
Wake-up source
Wake-up
system clock
Effect on clocks
Voltage regulators
Sleep
(Sleep-now or
Sleep-on-exit)
WFI or return
from ISR
Any interrupt
Same as before
entering Sleep
mode
CPU clock OFF
No effect on other
clocks or analog
clock sources
Range
1, 2
WFE
Wake-up event
Stop 0
LPMS = 000 + SLEEPDEEP bit
+ WFI or return
from ISR or WFE
Any EXTI line
(configured in the
EXTI registers)
Any PWR wake-up
line (WKUP pins and
I3C reset pattern)
Specific peripherals
events/interrupts(1)
HSI16 when
STOPWUCK = 1 in
RCC_CFGR1
MSIS with the
frequency before
entering the Stop
mode, limited to
48 MHz, when
STOPWUCK = 0
All clocks OFF
except LSI and
LSE
MSIK, MSIS or
HSI16 can be
enabled
temporarily when
requested by an
autonomous
peripheral, or
forced to be kept
enabled.
Range
1, 2
Stop 1
LPMS = 001 + SLEEPDEEP bit
+ WFI or return
from ISR or WFE
Low-power
regulator (SMPS or
LDO)
Stop 2
LPMS = 010 + SLEEPDEEP bit
+ WFI or return
from ISR or WFE
STM32U375xx
Functional overview
DS14861 - Rev 2
page 21/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com