Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U375CEU6GTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32U375CEU6GTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32U375CEU6GTR Datasheet HTML 15Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 16Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 17Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 18Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 19Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 20Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 21Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 22Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 222 page
background image
Figure 3. STM32U375xxxxQ power supply overview (with SMPS)
USB transceiver
Core
SRAM1
SRAM2
Digital
peripherals
LSE crystal 32 kHz oscillator
Backup registers
RCC_BDCR registers
RTC
TAMP
VDDA domain
Backup domain
Standby circuitry
(Wake-up logic, IWDG)
LDO regulator
Low-voltage detector
I/O ring
VCORE domain
Flash memory
VDDUSB
VDDIO2
VDDIO1
I/O ring
PG[15:2]
VDDIO2
VDDA
VSSA
VSS
VSS
VDDIO2 domain
VDD domain
VCORE
VSS
VDD
VBAT
2x VDD11
SMPS regulator
Voltage regulator
VLXSMPS
VDDSMPS
VSSSMPS
A/D converters
Comparators
D/A converters
Operational amplifiers
Voltage reference buffer
Temperature sensor
Reset block
Internal RC oscillators
VSW
In this document, VDDIOx (with x = 1 or 2) refers to the I/O power supply. VDDIO1 is supplied by VDD. VDDIO2 is the
independent power supply for PG[15:2].
VSW = VDD when VDD is above VBOR0, and VSW = VBAT when VDD is below VBOR0.
During power-up and power-down phases, the following power sequence requirements must be respected:
•
When VDD is below 1 V, other power supplies (VDDA, VDDIO2, VDDUSB) must remain below VDD + 300 mV.
•
When VDD is above 1 V, all power supplies are independent.
•
During the power-down phase, VDD can temporarily become lower than other supplies only if the energy
provided to the MCU remains below 1 mJ. This allows external decoupling capacitors to be discharged with
different time constants during the powerdown transient phase.
STM32U375xx
Functional overview
DS14861 - Rev 2
page 19/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com