Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPB06 Datasheet(PDF) 3 Page - Same Sky Devices

Part # MPB06
Description  MINI PUSH BUTTON SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

MPB06 Datasheet(HTML) 3 Page - Same Sky Devices

  MPB06 Datasheet HTML 1Page - Same Sky Devices MPB06 Datasheet HTML 2Page - Same Sky Devices MPB06 Datasheet HTML 3Page - Same Sky Devices MPB06 Datasheet HTML 4Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SAME SKY | SERIES: MPB06 | DESCRIPTION: MINI PUSH BUTTON SWITCH
date 09/12/2024 | page 3 of 4
sameskydevices.com
Time (sec)
25
217
260
150
200
60 to 180 s
60 to 150 s
min 30 s
25˚C to Peak Temp (8 minutes)
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflow soldering
255
260
°C
PACKAGING
units: mm
QTY: 500 pcs
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com