Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPB06 Datasheet(PDF) 2 Page - Same Sky Devices

Part # MPB06
Description  MINI PUSH BUTTON SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

MPB06 Datasheet(HTML) 2 Page - Same Sky Devices

  MPB06 Datasheet HTML 1Page - Same Sky Devices MPB06 Datasheet HTML 2Page - Same Sky Devices MPB06 Datasheet HTML 3Page - Same Sky Devices MPB06 Datasheet HTML 4Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SAME SKY | SERIES: MPB06 | DESCRIPTION: MINI PUSH BUTTON SWITCH
date 09/12/2024 | page 2 of 4
sameskydevices.com
2-
1.2
(1)
(2)
(3)
2.54
7
5.08
(1)
(2)
(3)
9.8
6
1
2.8
0.3
7
1.4
1.6
2.54 2.54
8.8
5.4
8.6
4.5
1.5
6.9
4.7
1.2
1.4
15.7
1.20
15.70
1.40
1.20
4.70
6.90
1.50
4.50
8.60
8.80
1.20
15.70
1.40
1.20
4.70
6.90
1.50
4.50
8.60
8.80
3.30
EPOXY SEAL
EPOXY SEAL
EPOXY SEAL
Flatness tolerance ±0.1
Flatness tolerance ±0.1
Flatness tolerance ±0.1
MECHANICAL DRAWING (SPDT CIRCUIT)
units: mm
tolerance: ±0.3 mm
unless otherwise noted
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
actuator
PA46 (UL94V-0)
white
2
housing
PA46 (UL94V-0)
white
3
terminals
brass
gold
4
bracket
phosphor bronze
tin
Recommended PCB Layout
Top View
FLUSH ACTUATOR
3.3 MM ACTUATOR
5.4 MM ACTUATOR
ACTUATOR POSITION
( ): MOMENTARY
NORMAL
DOWN
ON
2-3
(ON)
2-1
SCHEMATIC
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com