Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-20A Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # HD-20A
Description  DOUBLE ROW BARRIER TERMINAL BLOCKS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

HD-20A Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  HD-20A Datasheet HTML 1Page - BlockMaster Electronics, Inc. HD-20A Datasheet HTML 2Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions:
P=number of contact rows
A=(P+1) x 9.5 + 7.5 (total length w/mtg ends)
B=(P+1) x 9.5 (mounting end centers)
PH
Poles (02 to 24)
HOW TO ORDER:
HD-10A
HD-20A
Dimensions:
P=number of contact rows
A=(P+1) x 11 + 9.7 (total length w/mtg ends)
B=(P+1) x 11 (mounting end centers)
HOW TO ORDER:
PH
Poles (02 to 26)
(OVER)
HD-10A Specifications
Rated: 10 Amps, AC250 Volts
9.5mm (.375”) centers – 3/8”
Closed Bottom Design
Wire Range: 14~18 WG
Operation Temperature: -55⁰C~+150⁰C
Insulation Withstands: AC2000V / 1 min.
Insulation Resistance: >1000MΩ or
more at DC500V
Housing Material: Phenolic, Black
Screw: M3.5 Nickel Plated Steel
Screws Torque: 12 In-Lb
Terminals: Tin Plated Brass
HD-20A Specifications
Rated: 20 Amps, AC250 Volts
11mm (.433”) centers – 7/16”
Open Bottom Design
Wire Range: 12~18 WG
Operation Temperature: -40⁰C~+160⁰C
Insulation Withstands: AC2000V / 1 min.
Insulation Resistance: >1000MΩ or
more at DC500V
Housing Material: Phenolic, Black
Screw: M3.5 Nickel Plated Steel
Screws Torque: 12 In-Lb
Terminals: Tin Plated Brass
DOUBLE ROW BARRIER TERMINAL BLOCKS
10 & 20 Amps / 250 Volts
40 & 75 Amps / 600 Volts
1400 Howard Street
Elk Grove Village, IL 60007
Phone: (800) 595-8881
WWW.BLOCKMASTER.COM


Similar Part No. - HD-20A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HD-20 TEC-HD-20 Datasheet
393Kb / 14P
AMPLIMITE Subminiature D Connectors
logo
Bothhand USA, LP.
HD-2007 BOTHHAND-HD-2007 Datasheet
292Kb / 1P
HDSL LINE TRANSFORMER
HD-2007S BOTHHAND-HD-2007S Datasheet
282Kb / 1P
HDSL LINE TRANSFORMER
More results

Similar Description - HD-20A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
Double Row Terminal Blocks
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
Barrier Terminal Blocks
logo
Spectrum Microwave, Inc...
52-188-002-A SPECTRUM-52-188-002-A Datasheet
124Kb / 2P
Barrier Strip Filtered Terminal Blocks
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
Terminal Blocks - Single Row
KU12 ETC2-KU12 Datasheet
74Kb / 1P
Base Mount Double Row Terminal Blocks
logo
Cooper Bussmann, Inc.
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
Double Row Terminal Blocks
logo
API Technologies Corp
52F188-002-A APITECH-52F188-002-A Datasheet
371Kb / 3P
Barrier Strip Filtered Terminal Blocks
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
Single Row Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
289-965 WAGO-289-965 Datasheet
147Kb / 4P
Interface module; 2xRJ-45; PCB terminal blocks, double-row
289-966 WAGO-289-966 Datasheet
152Kb / 5P
Interface module; 2xRJ-45; PCB terminal blocks, double-row
23.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com