Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-20A Datasheet(PDF) 2 Page - BlockMaster Electronics, Inc.

Part # HD-20A
Description  DOUBLE ROW BARRIER TERMINAL BLOCKS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

HD-20A Datasheet(HTML) 2 Page - BlockMaster Electronics, Inc.

  HD-20A Datasheet HTML 1Page - BlockMaster Electronics, Inc. HD-20A Datasheet HTML 2Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DG99-A
HOW TO ORDER:
PH
Poles (02 to 12)
HD-30A
Dimensions:
P=number of contact rows
A=(P+1) x 14 + 10.3 (total length w/mtg ends)
B=(P+1) x 14 (mounting end centers)
HOW TO ORDER:
PH
Poles (02 to 24)
HD-30A Specifications
Rated: 40 Amps, AC600 Volts
14mm (.55”) centers – 9/16”
Open Bottom Design
Wire Range: 10~18 WG
Operation Temperature: -40⁰C~+160⁰C
Insulation Withstands: AC2000V / 1 min.
Insulation Resistance: >1000MΩ or
more at DC500V
Housing Material: Phenolic, Black
Screw: M4.0 Nickel Plated Steel
Screws Torque: 15.7 In-Lb
Terminals: Tin Plated Brass
DG99-A Specifications
Rated: 75 Amps, AC600 Volts
17.45mm (.687”) centers – 11/16”
Closed Bottom Design
Wire Range: 4~14 AWG
Operation Temperature: -40⁰C~+125⁰C
Insulation Withstands: AC2200V / 1 min.
Insulation Resistance: 500MΩ at DC500V
Housing Material: Polycarbonate (PC), Black
Screw: M5.0 Zinc Plated Steel
Screws Torque: 17.5 In-Lb
Terminals: Tin Plated Copper Alloy
1400 Howard Street
Elk Grove Village, IL 60007
Phone: (800) 595-8881
WWW.BLOCKMASTER.COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com