Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML2108F Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # SML2108F
Description  Laser Diode Adaptive Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2108F Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SML2108F Datasheet HTML 4Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 5Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 6Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 9Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 10Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 11Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
SML2108
2053 2.2 11/07/00
SUMMIT MICROELECTRONICS, Inc.
PRELIMINARY
Figure 2. Output Block 1: Mean Power Control
Figure 3. Output Block 2: I
MOD
The built-in integration time constant is nominally 1ms.
This is accomplished by using an internal 2M
Ω resistor
and 500pF capacitor. The time constant can be modified
by adding external capacitance between the CAP1 and
CAP2 terminals, and/or by adding external resistance
between the DETECT and CAP1 terminals. For stability
reasons it is not recommended that the time constant be
decreased to less than 100us.
The output of an internal 10-Bit DAC biases the positive
terminal of the integrating amplifier. This DAC provides an
analog reference to the integrator which is useful for initial
calibration of the laser module. The full-scale value of the
DAC output is 1.5V.
10-Bit Bias Control D/A
The 10-Bit D/A determines the reference voltage of the
non-inverting terminal of the integrating amplifier in the
mean power control loop. Associated with this DAC are a
10-Bit volatile register and a 10-Bit nonvolatile (NV) regis-
ter. The content of the volatile register determines the
DAC output voltage. The DAC output voltage is given by
the following relation:
X
OV
1.5V
1024
=×
where X = the decimal equivalent of the 10-Bit data stored
in the volatile register. Note that the DAC output voltage
is not directly accessible external to the chip. However,
when the SML2108 is placed in a typical application circuit,
the mean power control feedback loop forces the voltage
at the DETECT pin to be the same as the DAC output. On
device power-up the volatile register may be loaded with
all zeroes, or it may be loaded from the contents of the 10-
Bit nonvolatile register.
Access to the 10-Bit volatile register is obtained via the 2-
wire interface at slave address 1001BIN, word address 0.
Refer to Figures 9, 10, 12, and 13 for details on program-
ming and reading data from the 10-Bit register. When
writing to the volatile register the new DAC output will
become valid immediately at the end of the write com-
mand. Reading the volatile register has no effect on the
DAC output. Reading or writing the volatile register has no
effect on the contents of the nonvolatile register.
The 10-Bit NV register can only be accessed indirectly
through the volatile register. The command sequence to
communicate with the NV register is the same as that of
VDD
BIAS
CONTROL
ADC
Input
BIASP
BIASN
IBIAS Sink
0 to 100 mA
IBIAS Source
0 to 10 mA or
0 to 100 mA
From MPC
Integrator
2053 Fig02
VDD
MOD
CONTROL
MODP
MODN
IMOD Sink
0 to 100 mA
IMOD Source
0 to 10 mA or
0 to 100 mA
From IMOD
DAC
2053 Fig03
the volatile register, except word address 2 is used instead
of 0. When reading the NV register, the data is first
transferred into the volatile register where it may be
accessed by the serial interface. Note that upon this
transfer the DAC output will change immediately to reflect
the new data. Similarly, when writing to the NV register,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com