Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML2108F Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SML2108F
Description  Laser Diode Adaptive Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2108F Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SML2108F Datasheet HTML 1Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 2Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 3Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 4Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 5Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 6Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2108F Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
SML2108
2053 2.2 11/07/00
SUMMIT MICROELECTRONICS, Inc.
PRELIMINARY
input to the ADC using bit 5 of Register 1, the converted
value of the current entering this pin is used as the address
of the EEPROM lookup table. In this configuration the
modulation current can be controlled by temperature
rather than the bias current. Refer to the application
example on using the EXT TEMP pin. If this option is not
used the pin should be left floating.
VSSA, VSSD (13 & 14)
Analog and digital low-side supplies for on-board circuitry.
Must be at same potential as all other VSS pins.
VDD (15, 16, 21, 22, 39, 40, 45, 46, & 47)
High-side supply for the Bias and Modulation currents and
power supply input for the chip.
CE# (48)
The chip enable input is active low and provides an
additional method of enabling the serial interface. The
state of this pin has no effect on the auto-monitor function.
This pin has an internal 100k
Ω pullup.
BIASP (17, 18, 43, & 44)
High-side mean bias control current.
Current source
output range is programmable, with the optional ranges of
0 to 100mA or 0 to 10mA.
BIASN (27, 28, 33, & 34)
Low-side mean bias control current. Current sink input
range is 0 to 100mA.
MODP (19, 20, 41, &42)
High-side modulation control current. Current source
output range is programmable, with optional ranges of 0 to
100mA or 0 to 10mA.
MODN (25, 26, 35, &36)
Low-side modulation control current. Current sink input
range is 0 to 100mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com