Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV320X Datasheet(PDF) 54 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 54 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 50Page - STMicroelectronics LSM6DSV320X Datasheet HTML 51Page - STMicroelectronics LSM6DSV320X Datasheet HTML 52Page - STMicroelectronics LSM6DSV320X Datasheet HTML 53Page - STMicroelectronics LSM6DSV320X Datasheet HTML 54Page - STMicroelectronics LSM6DSV320X Datasheet HTML 55Page - STMicroelectronics LSM6DSV320X Datasheet HTML 56Page - STMicroelectronics LSM6DSV320X Datasheet HTML 57Page - STMicroelectronics LSM6DSV320X Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 212 page
background image
8
Register mapping
The table given below provides a list of the 8/16-bit registers embedded in the device and the corresponding
addresses.
All these registers are accessible from the primary SPI/I²C/MIPI I3C® interface only.
Table 26. Registers address map
Name
Type
Register address
Default
Comment
Hex
Binary
FUNC_CFG_ACCESS
R/W
01
00000001
00000000
PIN_CTRL
R/W
02
00000010
00100011
IF_CFG
R/W
03
00000011
00000000
RESERVED
-
04-05
ODR_TRIG_CFG
R/W
06
00000110
00000000
FIFO_CTRL1
R/W
07
00000111
00000000
FIFO_CTRL2
R/W
08
00001000
00000000
FIFO_CTRL3
R/W
09
00001001
00000000
FIFO_CTRL4
R/W
0A
00001010
00000000
COUNTER_BDR_REG1
R/W
0B
00001011
00000000
COUNTER_BDR_REG2
R/W
0C
00001100
00000000
INT1_CTRL
R/W
0D
00001101
00000000
INT2_CTRL
R/W
0E
00001110
00000000
WHO_AM_I
R
0F
00001111
01110011
R (IF2)
CTRL1
R/W
10
00010000
00000000
R (IF2)
CTRL2
R/W
11
00010001
00000000
R (IF2)
CTRL3
R/W
12
00010010
01000100
R (IF2)
CTRL4
R/W
13
00010011
00000000
R (IF2)
CTRL5
R/W
14
00010100
00000000
R (IF2)
CTRL6
R/W
15
00010101
00001000
R (IF2)
CTRL7
R/W
16
00010110
00000000
R (IF2)
CTRL8
R/W
17
0001 0111
00000000
R (IF2)
CTRL9
R/W
18
00011000
00000000
R (IF2)
CTRL10
R/W
19
00011001
00000000
R (IF2)
CTRL_STATUS
R
1A
00011010
output
FIFO_STATUS1
R
1B
00011011
output
FIFO_STATUS2
R
1C
00011100
output
ALL_INT_SRC
R
1D
00011101
output
STATUS_REG
R
1E
00011110
output
RESERVED
-
1F
OUT_TEMP_L
R
20
00100000
output
OUT_TEMP_H
R
21
00100001
output
OUTX_L_G
R
22
00100010
output
OUTX_H_G
R
23
00100011
output
LSM6DSV320X
Register mapping
DS14623 - Rev 1
page 54/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com