Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV320X Datasheet(PDF) 15 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 11Page - STMicroelectronics LSM6DSV320X Datasheet HTML 12Page - STMicroelectronics LSM6DSV320X Datasheet HTML 13Page - STMicroelectronics LSM6DSV320X Datasheet HTML 14Page - STMicroelectronics LSM6DSV320X Datasheet HTML 15Page - STMicroelectronics LSM6DSV320X Datasheet HTML 16Page - STMicroelectronics LSM6DSV320X Datasheet HTML 17Page - STMicroelectronics LSM6DSV320X Datasheet HTML 18Page - STMicroelectronics LSM6DSV320X Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 212 page
background image
4.2
Electrical characteristics
@VDD = 1.8 V, T = 25°C, unless otherwise noted.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
VDD
Supply voltage
1.71
1.8
3.6
V
VDDIO
Power supply for I/O
1.08
3.6
V
IddHP
Gyroscope and low-g accelerometer supply current in high-performance
mode
0.670
mA
IddHPC9
Gyroscope and accelerometer supply current in high-performance mode
Combo 9 axes
0.8
mA
LA_IddHP
Accelerometer supply current in high-performance mode (low-g)
200
µA
Accelerometer supply current in high-performance mode (high-g)
225
LA_IddNM
Accelerometer supply current in normal mode (low-g)
115
µA
LA_IddLPM2 Accelerometer supply current in low-power mode (LPM2) (low-g)
ODR = 60 Hz
ODR = 1.875 Hz
21
4.6
µA
LA_IddLPM1 Accelerometer supply current in low-power mode (LPM1) (low-g)
ODR = 60 Hz
ODR = 1.875 Hz
18
4.5
µA
IddPD
Supply current during power-down
2.9
µA
Ton
Turn-on time - gyroscope
40
ms
VIH
Digital high-level input voltage
VDDIO = 1.8 V (typ)
0.7 *
VDDIO
V
VDDIO = 1.2 V (typ)
0.8 *
VDDIO
VIL
Digital low-level input voltage
VDDIO = 1.8 V (typ)
0.3 *
VDDIO
V
VDDIO = 1.2 V (typ)
0.2 *
VDDIO
VOH
High-level output voltage
VDDIO = 1.8 V
IOH = 4 mA(2)
VDDIO
- 0.2
V
VDDIO = 1.2 V
IOH = 2 mA(2)
VDDIO
- 0.2
VOL
Low-level output voltage
VDDIO = 1.8 V
IOL = 4 mA(2)
0.2
V
Vdd_IO = 1.2 V
IOL= 2 mA(2)
0.2
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. IOL/IOH are the driving capabilities, that is, the DC currents that can be sourced/sunk by the digital pin to guarantee the correct digital output
voltage levels VOH and VOL.
LSM6DSV320X
Module specifications
DS14623 - Rev 1
page 15/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com