Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV320X Datasheet(PDF) 106 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 106 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 102Page - STMicroelectronics LSM6DSV320X Datasheet HTML 103Page - STMicroelectronics LSM6DSV320X Datasheet HTML 104Page - STMicroelectronics LSM6DSV320X Datasheet HTML 105Page - STMicroelectronics LSM6DSV320X Datasheet HTML 106Page - STMicroelectronics LSM6DSV320X Datasheet HTML 107Page - STMicroelectronics LSM6DSV320X Datasheet HTML 108Page - STMicroelectronics LSM6DSV320X Datasheet HTML 109Page - STMicroelectronics LSM6DSV320X Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 212 page
background image
9.71
EMB_FUNC_CFG (63h)
Embedded functions configuration register (R/W)
Table 189. EMB_FUNC_CFG register
HG_USR_OFF_ON_
EMB_FUNC
EMB_FUNC_IRQ_
MASK_XL_HG_SETTL
EMB_FUNC_IRQ_
MASK_G_SETTL
EMB_FUNC_IRQ_
MASK_XL_SETTL
EMB_FUNC_
DISABLE
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 190. EMB_FUNC_CFG register description
HG_USR_OFF_ON_EMB_FUNC
Drives the high-g accelerometer data with user offset correction to the embedded functions
EMB_FUNC_IRQ_MASK_XL_HG_SETTL
Enables / masks the execution trigger of the embedded functions when the high-g
accelerometer data are settling. Default value: 0
(0: disabled;
1: masks the execution trigger of the embedded functions until the high-g accelerometer filter
settling ends)
Note: Refer to the product application note for the details regarding operating/power mode
configurations, settings, turn-on/off time, and on-the-fly changes.
EMB_FUNC_IRQ_MASK_G_SETTL
Enables / masks the execution trigger of the embedded functions when the gyroscope data are
settling. Default value: 0
(0: disabled;
1: masks the execution trigger of the embedded functions until the gyroscope filter settling ends)
Note: Refer to the product application note for the details regarding operating/power mode
configurations, settings, turn-on/off time, and on-the-fly changes.
EMB_FUNC_IRQ_MASK_XL_SETTL
Enables / masks the execution trigger of the embedded functions when the low-g accelerometer
data are settling. Default value: 0
(0: disabled;
1: masks the execution trigger of the embedded functions until the low-g accelerometer filter
settling ends)
Note: Refer to the product application note for the details regarding operating/power mode
configurations, settings, turn-on/off time, and on-the-fly changes.
EMB_FUNC_DISABLE
Disables execution of the embedded functions. Default value: 0
(0: execution of the embedded functions is enabled;
1: execution trigger of the embedded functions is not generated anymore and all initialization
procedures are forced when this bit is set back to 0).
9.72
UI_HANDSHAKE_CTRL (64h)
Control register (UI side) for UI / IF2 shared registers (R/W)
Table 191. UI_HANDSHAKE_CTRL register
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
UI_SHARED
_ACK
UI_SHARED
_REQ
1. This bit must be set to 0 for the correct operation of the device.
Table 192. UI_HANDSHAKE_CTRL register description
UI_SHARED_ACK
Primary interface side. This bit acknowledges the handshake. If the secondary interface is not accessing
the shared registers, this bit is set to 1 by the device and the R/W operation on the UI_IF2_SHARED_0
(65h) through UI_IF2_SHARED_5 (6Ah) registers is allowed on the primary interface.
UI_SHARED_REQ
This bit is used by the primary interface controller to request access to the UI_IF2_SHARED_0 (65h)
through UI_IF2_SHARED_5 (6Ah) registers. When the R/W operation is finished, the controller must
reset this bit.
LSM6DSV320X
Register description
DS14623 - Rev 1
page 106/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com