Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV320X Datasheet(PDF) 158 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 158 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 154Page - STMicroelectronics LSM6DSV320X Datasheet HTML 155Page - STMicroelectronics LSM6DSV320X Datasheet HTML 156Page - STMicroelectronics LSM6DSV320X Datasheet HTML 157Page - STMicroelectronics LSM6DSV320X Datasheet HTML 158Page - STMicroelectronics LSM6DSV320X Datasheet HTML 159Page - STMicroelectronics LSM6DSV320X Datasheet HTML 160Page - STMicroelectronics LSM6DSV320X Datasheet HTML 161Page - STMicroelectronics LSM6DSV320X Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 212 page
background image
The following table provides a list of the registers for the embedded advanced features page 1. These registers
are accessible when PAGE_SEL[3:0] are set to 0001 in PAGE_SEL (02h).
Table 398. Register address map - embedded advanced features page 1
Name
Type
Register address
Default
Comment
Hex
Binary
XL_HG_SENSITIVITY_L
R/W
58
01011000
00011111
XL_HG_SENSITIVITY_H
R/W
59
01011001
00000101
FSM_LC_TIMEOUT_L
R/W
7A
01111010
00000000
FSM_LC_TIMEOUT_H
R/W
7B
01111011
00000000
FSM_PROGRAMS
R/W
7C
01111100
00000000
FSM_START_ADD_L
R/W
7E
01111110
00000000
FSM_START_ADD_H
R/W
7F
01111111
00000000
PEDO_CMD_REG
R/W
83
10000011
00000000
PEDO_DEB_STEPS_CONF
R/W
84
10000100
00001010
PEDO_SC_DELTAT_L
R/W
D0
11010000
00000000
PEDO_SC_DELTAT_H
R/W
D1
11010001
00000000
MLC_EXT_SENSITIVITY_L
R/W
E8
11101000
00000000
MLC_EXT_SENSITIVITY_H
R/W
E9
11101001
00111100
The following table provides a list of the registers for the embedded advanced features page 2. These registers
are accessible when PAGE_SEL[3:0] are set to 0010 in PAGE_SEL (02h).
Table 399. Register address map - embedded advanced features page 2
Name
Type
Register address
Default
Comment
Hex
Binary
EXT_FORMAT
R/W
00
00000000
00000000
EXT_3BYTE_SENSITIVITY_L
R/W
02
00000010
00000000
EXT_3BYTE_SENSITIVITY_H
R/W
03
00000011
00001100
EXT_3BYTE_OFFSET_XL
R/W
06
00000110
00000000
EXT_3BYTE_OFFSET_L
R/W
07
00000111
01010100
EXT_3BYTE_OFFSET_H
R/W
08
00001000
00111111
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
Write procedure example: write value 06h in register at address 84h (PEDO_DEB_STEPS_CONF) in page 1
1. Write bit EMB_FUNC_REG_ACCESS = 1 in FUNC_CFG_ACCESS (01h)
// Enable access to embedded functions registers
2. Write bit PAGE_WRITE = 1 in PAGE_RW (17h) register
// Select write operation mode
3. Write 0001 in PAGE_SEL[3:0] field of register PAGE_SEL (02h)
// Select page 1
4. Write 84h in PAGE_ADDR register (08h)
// Set address
5. Write 06h in PAGE_DATA register (09h)
// Set value to be written
6. Write bit PAGE_WRITE = 0 in PAGE_RW (17h) register
// Write operation disabled
7. Write bit EMB_FUNC_REG_ACCESS = 0 in FUNC_CFG_ACCESS (01h)
// Disable access to embedded functions registers
LSM6DSV320X
Embedded advanced features pages
DS14623 - Rev 1
page 158/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com