Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV320X Datasheet(PDF) 171 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 171 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 167Page - STMicroelectronics LSM6DSV320X Datasheet HTML 168Page - STMicroelectronics LSM6DSV320X Datasheet HTML 169Page - STMicroelectronics LSM6DSV320X Datasheet HTML 170Page - STMicroelectronics LSM6DSV320X Datasheet HTML 171Page - STMicroelectronics LSM6DSV320X Datasheet HTML 172Page - STMicroelectronics LSM6DSV320X Datasheet HTML 173Page - STMicroelectronics LSM6DSV320X Datasheet HTML 174Page - STMicroelectronics LSM6DSV320X Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 212 page
background image
15.3
Page 2 - embedded advanced features registers
15.3.1
EXT_FORMAT (00h)
External sensor data format (2-byte or 3-byte) for the finite state machine and machine learning core (R/W)
Table 469. EXT_FORMAT register
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
EXT_FORMAT
_SEL
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 470. EXT_FORMAT register description
EXT_FORMAT_SEL
Selects the format of the external sensor data for FSM and MLC processing. Default value: 0
(0: 2-byte format; 1: 3-byte format)
15.3.2
EXT_3BYTE_SENSITIVITY_L (02h) and EXT_3BYTE_SENSITIVITY_H (03h)
External sensor (3-byte output data) sensitivity value register for the finite state machine and machine learning
core (R/W)
This register corresponds to the conversion value of the external sensor having 3-byte output data. The register
value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits;
F: 10 fraction bits).
The default value of EXT_3BYTE_S_[15:0] is 0x0C00 (when using an external pressure sensor this value
corresponds to 2.441e-04 hPa/LSB).
Table 471. EXT_3BYTE_SENSITIVITY_L register
EXT_3BYTE_
S_7
EXT_3BYTE_
S_6
EXT_3BYTE_
S_5
EXT_3BYTE_
S_4
EXT_3BYTE_
S_3
EXT_3BYTE_
S_2
EXT_3BYTE_
S_1
EXT_3BYTE_
S_0
Table 472. EXT_3BYTE_SENSITIVITY_L register description
EXT_3BYTE_S_[7:0]
External sensor (3-byte output data) sensitivity (LSbyte). Default value: 00000000
Table 473. EXT_3BYTE_SENSITIVITY_H register
EXT_3BYTE_
S_15
EXT_3BYTE_
S_14
EXT_3BYTE_
S_13
EXT_3BYTE_
S_12
EXT_3BYTE_
S_11
EXT_3BYTE_
S_10
EXT_3BYTE_
S_9
EXT_3BYTE_
S_8
Table 474. EXT_3BYTE_SENSITIVITY_H register description
EXT_3BYTE_S_[15:8]
External sensor (3-byte output data) sensitivity (MSbyte). Default value: 00001100
LSM6DSV320X
Embedded advanced features register description
DS14623 - Rev 1
page 171/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com