Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBA02 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BBA02
Description  40-8000 MHz BroadBand AMP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA02 Datasheet(HTML) 1 Page - BeRex Corporation

  BBA02 Datasheet HTML 1Page - BeRex Corporation BBA02 Datasheet HTML 2Page - BeRex Corporation BBA02 Datasheet HTML 3Page - BeRex Corporation BBA02 Datasheet HTML 4Page - BeRex Corporation BBA02 Datasheet HTML 5Page - BeRex Corporation BBA02 Datasheet HTML 6Page - BeRex Corporation BBA02 Datasheet HTML 7Page - BeRex Corporation BBA02 Datasheet HTML 8Page - BeRex Corporation BBA02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
40-8000 MHz BroadBand AMP
BBA02
1
Rev. 6.4
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
• Gain = 15.6 dB @ 2140MHz
• OIP3 = 35.0 dBm @ 2140 MHz
• Output P1 dB = 23.2 dBm @ 2140 MHz
• N.F = 2.9dB @ 2140 MHz
• Internally matched to 50 ohms
• RoHS2-compliant SOT-89 SMT package
The BBA02 is a BroadBand, GaAs E-pHEMT Ampli-
fier that is ideal for applications demanding high
linearity in a wideband of 40-8000 MHz. The
BBA02 is internally matched to 50 Ohms and re-
quires no external matching components. It is
available in RoHS2-compliant SOT-89 SMT pack-
age. These devices are 100% DC and RF tested to
assure quality and performance.
Product Description
Device Features
• Repeaters
• Mobile Infrastructure
• Defense/Aerospace
• LTE / WCDMA / EDGE / CDMA
• General Purpose Wireless
• IF amplifier, RF driver amplifier
Applications
Applications Circuit
BOM
@GHz
0.04~0.5
0.5~3.0
3.0~4.0
5.0~6.0
4.0~5.0
C1
1nF
100pF
10pF
10pF
10pF
C2
1nF
100pF
10pF
10pF
10pF
C3
100pF
100pF
100pF
100pF
100pF
C4
1nF
1nF
1nF
1nF
1nF
L1
470nH
39nH
15nH
4.7nH
8.2nH
Electrical Specifications
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+175
°C
Supply Voltage
+7
V
Supply Current
190
mA
Input RF Power
20
dBm
Operation of this device above any of these parameters may result in permanent damage.
Parameter
Min
Typ
Max
Unit
Bandwidth
40
8000
MHz
Id @ (Vd = 5V)
72
90
108
mA
Vd
4.75
5.0
5.25
V
dG/dT
-0.004
dB/°C
RTH
53.5
°C/W
Operating Case Temperature
-40
+105
°C
Recommended Operating Conditions
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=5V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
40
8000
MHz
Test Frequency
2140
MHz
Gain
14.1
15.6
dB
Input Return Loss
-15.7
dB
Output Return Loss
-22.5
dB
Output IP3
5 dBm / tone ,
Δf=1 MHz
32.0
35.0
dBm
Output P1dB
22.2
23.2
dBm
LTE 20M ACLR
*
10.5
11.5
dB
Noise Figure
2.9
dB
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at 0.01% Prob.
*ACLR Channel Power measured at -50dBc.
C1
C2
RF In
RF Out
BBA02
Vcc
L1
C3
C4


Similar Part No. - BBA02

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
More results

Similar Description - BBA02

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2517-1T MICRONETICS-NMA2517-1T Datasheet
314Kb / 2P
High Power Broadband Noise Sources 2000 MHz to 8000 MHz
NMA2517-2T MICRONETICS-NMA2517-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 2000 MHz to 8000 MHz
logo
Advanced Semiconductor ...
ASW114 ASB-ASW114 Datasheet
797Kb / 15P
5-8000 MHz MMIC Amplifier
July 2012
ASW234 ASB-ASW234 Datasheet
445Kb / 8P
5-8000 MHz MMIC Amplifier
February 2010
ASW214 ASB-ASW214 Datasheet
350Kb / 12P
5 ~ 8000 MHz MMIC Amplifier
October 2013
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
logo
Renesas Technology Corp
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
logo
Marki Microwave
BTN-0040 MARKIMICROWAVE-BTN-0040 Datasheet
524Kb / 4P
Broadband: 40 kHz to 40 GHz
INV-0040 MARKIMICROWAVE-INV-0040 Datasheet
391Kb / 4P
BROADBAND PULSE INVERTER (1 MHz to 40 GHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com