Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBA02 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BBA02
Description  40-8000 MHz BroadBand AMP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA02 Datasheet(HTML) 2 Page - BeRex Corporation

  BBA02 Datasheet HTML 1Page - BeRex Corporation BBA02 Datasheet HTML 2Page - BeRex Corporation BBA02 Datasheet HTML 3Page - BeRex Corporation BBA02 Datasheet HTML 4Page - BeRex Corporation BBA02 Datasheet HTML 5Page - BeRex Corporation BBA02 Datasheet HTML 6Page - BeRex Corporation BBA02 Datasheet HTML 7Page - BeRex Corporation BBA02 Datasheet HTML 8Page - BeRex Corporation BBA02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
40-8000 MHz BroadBand AMP
BBA02
2
Rev. 6.4
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
Parameter
Frequency
Unit
70
900
2140
5800
MHz
3500
Gain
17.2
16.6
15.6
13.5
dB
14.5
S11
-13.6
-17.0
-15.7
-25.5
dB
-12.5
S22
-15.8
-22.0
-22.5
-28.0
dB
-24.5
OIP3
36.5
38.0
35.0
28.5
dBm
33.0
P1dB
22.6
23.1
23.2
17.2
dBm
21.2
LTE 20M ACLR
*
13.1
12.7
11.5
10.0
6.2
dBm
Noise Figure
2.8
2.4
2.9
5.2
dB
3.2
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at 0.01% Prob.
*ACLR Channel Power measured at -50dBc.
Typical Performance (Vd=5V, Id=90mA, T=25°C)
BeRex SOT89 Evaluation Board
*Dielectric constant _ 4.6 *RF pattern width 0.769T
*0.4T thick FR4 PCB
V-I Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com