Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS220PLUS Datasheet(PDF) 1 Page - Synology Inc.

Part # DS220PLUS
Description  Compact and High Performance NAS Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS220PLUS Datasheet(HTML) 1 Page - Synology Inc.

  DS220PLUS Datasheet HTML 1Page - Synology Inc. DS220PLUS Datasheet HTML 2Page - Synology Inc. DS220PLUS Datasheet HTML 3Page - Synology Inc. DS220PLUS Datasheet HTML 4Page - Synology Inc. DS220PLUS Datasheet HTML 5Page - Synology Inc. DS220PLUS Datasheet HTML 6Page - Synology Inc. DS220PLUS Datasheet HTML 7Page - Synology Inc. DS220PLUS Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Compact and High
Performance NAS Solution
Synology DiskStation DS220+ is a compact
network-attached storage solution to
streamline your data and multimedia
management. It features smooth data sharing,
video streaming, and photo indexing, as well
as well-rounded data protection and recovery
options.
DATASHEET | DiskStation DS220+
Highlights
• Accelerated Application Performance
Average 15% performance boost to photo indexing
and other computing-intensive operations, as well as
database response time
• Effortless Data Sharing & Synchronization
Access, share, and sync your data easily across different
operating systems and devices
• Protect and Restore Data in a Snap
Back up critical data and reduce your Recovery Time
Objective (RTO) with Snapshot Replication
• Entertaining Multimedia Hub
Organize and stream your music, video, and photo
collections across all your devices
• Anytime, Anywhere
Freely access files on the go and back up mobile photos
with iOS and Android™ apps
DiskStation
DS220+


Similar Part No. - DS220PLUS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS2200 ETC2-DS2200 Datasheet
752Kb / 2P
Scanner Laser ultra compatto
logo
TT Electronics.
DS2202 TTELEC-DS2202 Datasheet
503Kb / 2P
Latis
logo
Synology Inc.
DS220J SYNOLOGY-DS220J Datasheet
703Kb / 7P
Household Cloud Solution for Data Sharing and Backup
logo
DONGGUAN YOU FENG WEI E...
DS220W YFWDIODE-DS220W Datasheet
81Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Xian Semipower Electron...
DS220W SEMIPOWER-DS220W Datasheet
128Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - DS220PLUS

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VMD5100 VARITRONIX-VMD5100 Datasheet
502Kb / 2P
High-Resolution, High Performance LCOS Microdisplay Solution
VMD6100 VARITRONIX-VMD6100 Datasheet
245Kb / 2P
High-Resolution, High Performance LCOS Microdisplay Solution
logo
OmniVision Technologies...
OV07710-F48V OMNIVISION-OV07710-F48V Datasheet
120Kb / 2P
high-performance, all-digital automotive solution
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
High performance and cost-effective solution
logo
Protech Systems Co., Lt...
SA-5592 PROTECHSYSTEMS-SA-5592 Datasheet
572Kb / 2P
Slim, Compact and High Performance Book Size PC
logo
STMicroelectronics
UM1481 STMICROELECTRONICS-UM1481 Datasheet
5Mb / 55P
This document describes an easy and compact solution
07-Aug-2012
logo
Advantech Co., Ltd.
CBS-IM77 ADVANTECH-CBS-IM77_15 Datasheet
624Kb / 1P
1U High Performance CUDA Solution
logo
Xilinx, Inc
XC4VLX15 XILINX-XC4VLX15 Datasheet
113Kb / 10P
High-performance logic applications solution
logo
NXP Semiconductors
PR601 NXP-PR601 Datasheet
242Kb / 14P
High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
logo
WIZnet Co., Ltd
W5300 WIZNET-W5300 Datasheet
2Mb / 128P
High-Performance Internet Connectivity Solution
Version 1.3.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com