Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS220PLUS Datasheet(PDF) 2 Page - Synology Inc.

Part # DS220PLUS
Description  Compact and High Performance NAS Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS220PLUS Datasheet(HTML) 2 Page - Synology Inc.

  DS220PLUS Datasheet HTML 1Page - Synology Inc. DS220PLUS Datasheet HTML 2Page - Synology Inc. DS220PLUS Datasheet HTML 3Page - Synology Inc. DS220PLUS Datasheet HTML 4Page - Synology Inc. DS220PLUS Datasheet HTML 5Page - Synology Inc. DS220PLUS Datasheet HTML 6Page - Synology Inc. DS220PLUS Datasheet HTML 7Page - Synology Inc. DS220PLUS Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DATASHEET | DiskStation DS220+
Streamline Your Data Management Experience
DS220+ is a 2-bay desktop NAS designed for fast data sharing and
management. It newly features
dual 1GbE LAN ports to support network
failover, and with Link Aggregation enabled, DS220+ provides over
225
MB/s sequential read and 192 MB/s sequential write1 throughput.
Data can be further protected with RAID 1 disk mirroring to prevent
sudden drive failure.
DS220+ benefits computing-intensive applications, speeding up
Synology
Drive and Moments2 by an average 15%, and boosting Web PHP
response efficiency by around 95% compared with its predecessor.
DS220+ makes data management simple and efficient.
Establish a Strong Storage Foundation with Btrfs
DS220+ features a Btrfs file system optimized by Synology to offer you
high reliability and high performance. Btrfs supports advanced storage
technologies that meet the needs of modern business:
•
Advanced snapshot technology provides schedulable and
near-instantaneous data protection of shared folders and LUNs.
•
File and folder level data restoration offers users who wish to
restore only a specific file or folder more flexibility.
•
Flexible Shared Folders and User Quota System provide
comprehensive quota control on all user accounts and shared folders.
•
File self-healing allows Btrfs file systems to auto-detect corrupted
files using mirrored metadata and to recover broken data using RAID
configurations.
•
Inline compression compresses data before writing them to the drive,
to optimize storage use and reduce write commands to the drives.
Next-Generation File System
Btrfs is a modern file system designed to
safeguard data integrity through metadata
mirroring, file self-healing, and fast snapshot
replication.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com