Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS411SLIM Datasheet(PDF) 1 Page - Synology Inc.

Part # DS411SLIM
Description  DiskStation DS411slim
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS411SLIM Datasheet(HTML) 1 Page - Synology Inc.

  DS411SLIM Datasheet HTML 1Page - Synology Inc. DS411SLIM Datasheet HTML 2Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DiskStation DS411slim
Green, Quiet, and Reliable 4-bay 2.5” HDD NAS Server for Home to Small Office
Synology DiskStation DS411slim is designed to provide users with a compact yet feature laden solution
for easy file sharing and backup. Snap-in 2.5”hard drives design brings low power consumption, quiet
operation, reliability and easy disk replacement in a compact size. The operating system, Synology
DiskStation Manager 3.0, delivers rich features for multimedia enjoyments, Internet sharing, worry-free
data protection and energy-saving options.
Highlights
● Small Footprint
● Flexible RAID Data Protection
● Cross Platform File Sharing & Backup
● DLNA Certified Media Server
● Cool and Quiet
● Power-Saving (9W~16W)
Green, Quiet, and Reliable
The Synology DS411slim is designed to work with 2.5” hard drives. The
low power consumption characteristic of 2.5” hard drives will lower your
electricity bill, as well as reduce your carbon footprint. In addition, 2.5”
hard drives have reduced vibration, increased MTBF (mean time before
failure), and shock tolerance. It not only extends hard drive’s lifespan, but
also provides better reliability. The smart fan design keeps the DS411slim’s
fan off under normal operations and spinning up at a very low speed only
when needed, thus minimizing the noise level.
Flexible RAID Management
The Synology Hybrid RAID (SHR) automatically builds an optimal RAID
volume with data protection based on the hard drives installed, eliminating
the need to have hard drives of identical size, while still offering a manual
setup option for advanced users.
Cross Platform File Sharing & Backup
Synology DiskStation is designed for data storage and sharing among
Windows, Mac, and Linux. Seamless file sharing across different operation
systems is an effortless process. Internet file access is simplified by the
encrypted FTP server, the web-based File Browser and File Station. HTTPS,
firewall, and IP auto-block support ensure file sharing over the Internet is
protected at a high security level.
The Synology DS411slim offers a centralized backup target to consolidate
fragmented and unstructured data across a network. PC Users can back
up their data to the Synology DS411slim using the free Synology Data
Replicator software, while Mac OS X users enjoy native Apple® Time
Machine integration.
A web-based backup wizard is provided for backing up data in the
Synology DS411slim to another Synology DiskStation or any rsync server
via an encrypted transmission, or to an external hard drive via USB or eSATA
connection. In addition, backing up to the cloud using Amazon® S3 service
is also supported.
Your Own Entertainment Center
Download Station functions as a 24x7 BitTorrent, FTP, HTTP, eMule, and
NZB download center without a PC. The eMule download engine allows
search-n-download capability with a web-browser without installing
additional desktop applications.
Audio Station supports music, Internet radio stations, and iPod playback
with the optional speakers. An optional direction-free Synology Remote
allows you to freely enjoy your music. Streaming mode allows your music to
be shared with multiple users over the Intranet or Internet.
DLNA/UPnP Compliant Media Sever allows you to stream multimedia files
with an UPnP Digital Media Adapter (DMA) to a stereo system or a TV-set.
Sony PS3 and Microsoft Xbox360 are also supported.
iTunes® Server is an easy way to share music with other iTunes clients over
the network. Password protection prevents unauthorized sharing.
Eco Friendly
Synology DiskStation is designed and developed perpetually with the
concept of energy saving. Compared with average PC counterparts,
Synology DiskStation consumes a relatively low amount of power and
hibernates when not in use. This not only helps to save energy but also
extends the lifespan of the hard disk.
Synology DiskStation truly earns the title of “green product” because of the
unique Scheduled Power On/Off feature.
Finally, all Synology products are produced with RoHS compliant parts
and packed with recyclable packing materials. Synology recognizes its
responsibility as a global citizen and is continually working to reduce the
environmental impact of the products we create.
Data Sheet
DS411slim


Similar Part No. - DS411SLIM

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DS411 SYNOLOGY-DS411 Datasheet
706Kb / 2P
Synology DiskStation DS411
logo
Bridgelux, Inc.
DS411 BRIDGELUX-DS411 Datasheet
1Mb / 30P
Gen 8 V8 Array
01/2023
logo
Synology Inc.
DS411+II SYNOLOGY-DS411+II Datasheet
677Kb / 2P
Synology DiskStation DS411II
DS411J SYNOLOGY-DS411J Datasheet
777Kb / 2P
DiskStation DS411j
DS411PLUS SYNOLOGY-DS411PLUS Datasheet
531Kb / 2P
Synology DiskStation DS411
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com