Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS411SLIM Datasheet(PDF) 2 Page - Synology Inc.

Part # DS411SLIM
Description  DiskStation DS411slim
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS411SLIM Datasheet(HTML) 2 Page - Synology Inc.

  DS411SLIM Datasheet HTML 1Page - Synology Inc. DS411SLIM Datasheet HTML 2Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB 2.0
Power Button
USBCopy
LAN
RESET
Power
Safety Lock
Disk Tray
eSATA
USB 2.0
LED
USB Printer
DS411slim
External Disk
PC / Mac / Linux
TV
Stereo System
Digital Media Adapter
Wireless Router
DS411slim
USB
Speakers
Synology Remote
IP Camera
Data Sheet
DS411slim
CONNECTIONS & BUTTONS
Networking
SYNOLOGY INC.
Founded in 2000, Synology is a young and energetic
company dedicated to developing high-performance,
reliable, versatile, and environmentally-friendly Network
Attached Storage (NAS) server products. Our goal is to
deliver user-friendly solutions and solid customer service
to satisfy the needs of businesses, home offices, individual
users and families.
Copyright © 2010, Synology Inc. All rights reserved.
Synology, the Synology logo are trademarks or registered
trademarks of Synology Inc. Other product and company
names mentioned herein may be trademarks of their
respective companies. Synology may make changes to
specification and product descriptions at anytime, without
notice. Printed in Taiwan,
DS411slim-2011-ENU-REV004
http://www.synology.com
Synology Inc.
3F-3, No. 106, Chang An W. Rd., Taipei, Taiwan
Tel: +886 2 2552 1814 Fax: +886 2 2552 1824
Synology AMERICA Corp.
2899 152nd Ave NE, Redmond, WA 98052. USA
Tel: +1 425 818 1587
Synology UK Ltd.
Bluepoint House
Davy Avenue, knowlhill
Milton Keynes, Bucks
MK5 8PB, UK
Tel: +44 01908 673 709
TechnicalSpecifications
Hardware
• CPU: Marvell Kirkwood 1.6GHz
• Memory: DDR3 256MB
• Internal HDD1: 2.5” SATA X4
• Max Internal Capacity: 4TB (4X 1TB HDD)2
• Size (HxWxD): 120mm X 105mm X 142mm
• External HDD Interface: USB 2.0 port X2, eSATA port X1
• Weight: 0.66kg
• LAN: Gigabit X1
• Wireless Support3
• Noise Level4: 21.1 dB(A)
• Power Recovery
• AC Input Power Voltage: 100V to 240V
• Power Frequency: 50Hz to 60Hz, Single Phase
• Power Consumption5:
- Access: 16.8W
- Idle: 13.2W
- HDD Hibernation: 9.6W
• Operating Temperature: 5°C to 35°C (40°F to 95°F)
• Storage Temperature: -10°C to 70°C (15°F to 155°F)
• Relative Humidity: 5% to 95%RH
• Max Operating Altitude: 6,500 feet
• Certification: FCC Class B, CE Class B, BSMI Class B
Applications
File Station
FTP Server
• Bandwidth Control
• Custom FTP Passive Port Range
• Anonymous FTP
• Transfer Log
Web Station
• Virtual Host (up to 30 websites)
• PHP/MySQL
• Alternative HTTP Error Page
• 3rd-Party Applications Support
Surveillance Station
• Default IP cam #: 1
• MAX IP cam # (licenses required): 86
Photo Station
• Supported Image Format: BMP, JPG (jpe, jpeg), GIF, RAW
(arw, srf, sr2, dcr, k25, kdc, cr2, crw, nef, mrw, ptx, pef, raf,
3fr, erf, mef, mos, orf, rw2, dng, x3f)
• Supported Video Format: 3G2, 3GP, ASF, AVI, DAT, DivX,
FLV, M4V, MOV, MP4, MPEG, MPG, QT, WMV, XviD, RM7,
RMVB7, VOB7, RV307, RV407, AC37, AMR7, WMA37
Download Station
• Supported Download Protocols: BT/HTTP/FTP/NZB/eMule
• Custom BitTorrent Port Range
• BitTorrent / eMule Bandwidth Control
Audio Station
• Supported Audio Format: (USB Mode) AAC, FLAC, M4A,
MP3, Ogg Vorbis, WMA, WMA VBR; (Streaming Mode)
MP3, M4A, M4B
• Supported Playlist Format: M3U, WPL
• Internet Radio: SHOUTcast, Radioio
DLNA/UPnP Media Server
• PS3/Xbox 360 Support
• Supported Audio Format: AAC, FLAC, M4A, MP3, Ogg Vorbis,
PCM, WAV, WMA, WMA VBR, WMA PRO, WMA Lossless
• Supported Video Format: 3GP, 3G2, ASF, AVI, DAT, DivX,
DVR-MS, ISO, M2T, M2TS, M4V, MKV, MP4, MPEG1, MPEG2,
MPEG4, MTS, MOV, QT, SWF, TP, TRP, TS, VOB, WMV, XviD,
RV30, RV40, AC3, AMR, WMA3
• Supported Image Format: BMP, JPG (jpe, jpeg), GIF, ICO,
PNG, PSD, TIF (tiff), UFO, RAW (arw, srf, sr2, dcr, k25, kdc,
cr2, crw, nef, mrw, ptx, pef, raf, 3fr, erf, mef, mos, orf,
rw2, dng, x3f)
• Supported Subtitles Format: srt, psb, smi, ass, ssa, sub,
idx, ifo
iTunes Server
• Supported Audio Format8: MP3, M4A, M4P, WAV6, AIF
• Supported Video Format: M4V, MOV, MP4
• Supported Playlist Format: M3U, WPL
Printer Server9
• Max Printer #: 2
• Printing Protocols: LPR, CIFS, AppleTalk
Synology Packages
• SqueezeCenter
• Mail Station
• Webalizer
• phpMyAdmin
• Time Backup
iPhone / Android Applications
• DS photo+
• DS audio
• DS cam
General Specifications
Networking Protocols
• CIFS, AFP, NFS, FTP, WebDAV, iSCSI, Telnet, SSH, SNMP
File System
• EXT4
• EXT3
• FAT32 (External Disk Only)10
• NTFS (External Disk Only)10
Volume Management
• Synology Hybrid RAID
• Max iSCSI Target / LUN: 10 / 10
• Volume Type: Basic, JBOD, RAID 0, RAID 1, RAID 5, RAID
5+Spare, RAID 6, RAID 10
• RAID Migration: from Basic to RAID 1, Basic to RAID 5,
Basic to RAID 5+Spare, RAID 1 to RAID 5, RAID 1 to RAID
5+Spare, RAID 5 to RAID 5+Spare, RAID 5 to RAID 6
• Expand RAID 1, RAID 5, RAID 5+Spare or RAID 6 with
Larger Hard Drives
• Expand RAID 5 by Adding a Hard Drive On The Fly
File Sharing Capability
• Max User Accounts: 2,048
• Max Groups: 256
• Max Shared Folder: 256
• Max Concurrent Connections(SAMBA, FTP, AFP): 128
Windows Access Control List (ACL)
Windows ADS Domain Integration
• Domain Users login via Samba/AFP/FTP/File Station
Backup Solutions
• Network Backup
• Local Backup
• Desktop Backup (using Synology Data Replicator or
Apple Time Machine backup application)
• Time Backup (Synology package. Max task number: 2)
• Time Machine Backup (Mac)
• USBCopy
Security
• FTP over SSL/TLS
• IP Auto-Block
• Firewall
• Encrypted Network Backup over Rsync
• HTTPS Connection
Management
• DSM Upgrade
• Email Notification
• SMS Notification
• Customized User Quota
• DDNS Support
• PPPoE
• Resource Monitor
• UPS Management
• Scheduled Power On/Off
• Custom Management UI HTTP/HTTPS Ports
HDD Management
• HDD Hibernation
• S.M.A.R.T.
• Dynamic Bad Sector Mapping
Utilities
• Synology Assistant
• Synology Download Redirector
• Synology Data Replicator
Supported Clients
• Windows 2000 onward
• Mac OSX 10.3 onward
• Linux
Supported Browsers
• Chrome 5
• Internet Explorer 7 and 8
• Firefox 3.5
• Safari 4 and 5 (Mac)
Supported Mobile Devices (Photo Station, File Station)
• iPhone OS 2.2.1 onward
• Android OS 1.5 onward
• Windows Mobile (IE Mobile or Opera 9.0 onward)
• Symbian OS 9.1, S60 3rd Edition onward
Language
• Czech, Danish, Dutch, English, French, German,
Hungarian, Italian, Japanese, Korean, Norwegian, Polish,
Portuguese Brazil, Portuguese European, Russian,
Simplified Chinese, Spanish, Swedish, Traditional Chinese,
Turkish
Environment and Packaging
Environment
• RoHS Compliant
Package Content
• Main Unit (Base X1 included)
• Installatin DVD
• Assembling Kit
• AC Power Adapter
• AC Power Cord
• 2M RJ-45 LAN Cable
• Welcome Note
Optional Accessories
• Remote
• Camera License Pack
1. Hard drive not included.
2. The actual capacity will differ according to volume types.
3. Wireless dongles not included. Please check http://www.
synology.com/ for supported wireless dongles.
4. Fully loaded with Seagate 500 GB ST9500325AS hard drive(s) in
operation; Two G.R.A.S. Type 40AE microphones, each set up at
1 meter away from the DiskStation front and rear; Background
noise: 17.2 dB(A); Temperature: 23.6°C; Humidity: 58.2%. More
details about dB(A) value, check:
http://www.memtechacoustical.com/facts.asp
5. Measured with 4 Seagate 500 GB ST9500325AS hard drive. The
figures could vary on different environments.
6. 1 free license to install 1 IP camera. Additional licenses can be
purchased to expand the license quota.
7. User can click and download the file, but not play it in Photo
Station as compressed Flash video.
8. The music can be streamed, but the metadata (ex: title, album)
may not be indexed on the iTunes.
9. For Mac users, DS411slim supports PostScript USB printers only.
10.Primary partion only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com