Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV80XTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 2Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 3Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 4Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 5Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 6Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 7Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 8Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 9Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 181 page
background image
2.5
Finite state machine
The LSM6DSV80X can be configured to generate interrupt signals activated by user-defined motion patterns. To
do this, up to 8 embedded finite state machines can be programmed independently for motion detection such as
glance gestures, absolute wrist tilt, shake and double-shake detection.
Definition of finite state machine
A state machine is a mathematical abstraction used to design logic connections. It is a behavioral model
composed of a finite number of states and transitions between states, similar to a flow chart in which one can
inspect the way logic runs when certain conditions are met. The state machine begins with a start state, goes to
different states through transitions dependent on the inputs, and can finally end in a specific state (called stop
state). The current state is determined by the past states of the system. The following figure shows a generic
state machine.
Figure 2. Generic state machine
Finite state machine in the LSM6DSV80X
The LSM6DSV80X works as a combo accelerometer-gyroscope sensor, generating acceleration and angular rate
output data. It is also possible to connect an external sensor like a magnetometer or pressure sensor by using the
sensor hub feature (mode 2). These data can be used as input of up to 8 programs in the embedded finite state
machine (Figure 3. State machine in the LSM6DSV80X ).
All 8 finite state machines are independent: each one has its dedicated memory area and it is independently
executed. An interrupt is generated when the end state is reached or when some specific command is performed.
Figure 3. State machine in the LSM6DSV80X
FSM
x
SIGNAL
CONDITIONING
X = 1..8
Low-g accelerometer [LSB]
Gyroscope [LSB]
LSM6DSV80X
FSM output
External sensor (magnetometer) [LSB]
(optional)
High-g accelerometer [LSB]
LSM6DSV80X
Embedded low-power features
DS14764 - Rev 1
page 6/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com