Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV80XTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 12Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 13Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 14Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 15Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 16Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 17Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 18Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 19Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 181 page
background image
4.3
Temperature sensor characteristics
@ VDD = 1.8 V, T = 25°C unless otherwise noted.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ. (1)
Max.
Unit
TODR(2)
Temperature refresh rate
60
Hz
Toff
Temperature offset(3)
-15
+15
°C
TSen
Temperature sensitivity
256
LSB/°C
TST
Temperature stabilization time(4)
500
µs
T_ADC_res
Temperature ADC resolution
16
bit
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed
2. When the accelerometer is in low-power mode and the gyroscope part is turned off, the TODR value is equal to the accelerometer ODR.
3. The output of the temperature sensor is 0 LSB (typ.) at 25°C.
4. Time from power ON to valid data based on characterization data.
LSM6DSV80X
Module specifications
DS14764 - Rev 1
page 16/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com