Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV80XTR Datasheet(PDF) 113 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 113 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 109Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 110Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 111Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 112Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 113Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 114Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 115Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 116Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 181 page
background image
11.23
SFLP_QUATW_L (2Ah) and SFLP_QUATW_H (2Bh)
SFLP game rotation vector W value output register (R). The value is expressed as half-precision floating-point
format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 245. SFLP_QUATW_H and SFLP_QUATW_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 246. SFLP_QUATW_H and SFLP_QUATW_L register description
D[15:0]
SFLP game rotation vector W value output value
11.24
SFLP_QUATX_L (2Ch) and SFLP_QUATX_H (2Dh)
SFLP game rotation vector X value output register (R). The value is expressed as half-precision floating-point
format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 247. SFLP_QUATX_H and SFLP_QUATX_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 248. SFLP_QUATX_H and SFLP_QUATX_L register description
D[15:0]
SFLP game rotation vector X value output value
11.25
SFLP_QUATY_L (2Eh) and SFLP_QUATY_H (2Fh)
SFLP game rotation vector Y value output register (R). The value is expressed as half-precision floating-point
format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 249. SFLP_QUATY_H and SFLP_QUATY_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 250. SFLP_QUATY_H and SFLP_QUATY_L register description
D[15:0]
SFLP game rotation vector Y value output value
LSM6DSV80X
Embedded functions register description
DS14764 - Rev 1
page 113/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com