Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV80XTR Datasheet(PDF) 145 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 145 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 141Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 142Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 143Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 144Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 145Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 146Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 147Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 148Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 181 page
background image
14
Sensor hub register mapping
The table given below provides a list of the registers for the sensor hub functions available in the device and the
corresponding addresses. The sensor hub registers are accessible when bit SHUB_REG_ACCESS is set to 1 in
FUNC_CFG_ACCESS (01h).
Table 405. Register address map - sensor hub registers
Name
Type
Register address
Default
Comment
Hex
Binary
SENSOR_HUB_1
R
02
00000010
output
SENSOR_HUB_2
R
03
00000011
output
SENSOR_HUB_3
R
04
00000100
output
SENSOR_HUB_4
R
05
00000101
output
SENSOR_HUB_5
R
06
00000110
output
SENSOR_HUB_6
R
07
00000111
output
SENSOR_HUB_7
R
08
00001000
output
SENSOR_HUB_8
R
09
00001001
output
SENSOR_HUB_9
R
0A
00001010
output
SENSOR_HUB_10
R
0B
00001011
output
SENSOR_HUB_11
R
0C
00001100
output
SENSOR_HUB_12
R
0D
00001101
output
SENSOR_HUB_13
R
0E
00001110
output
SENSOR_HUB_14
R
0F
00001111
output
SENSOR_HUB_15
R
10
00010000
output
SENSOR_HUB_16
R
11
00010001
output
SENSOR_HUB_17
R
12
00010010
output
SENSOR_HUB_18
R
13
00010011
output
CONTROLLER_CONFIG
R/W
14
00010100
00000000
TGT0_ADD
R/W
15
00010101
00000000
TGT0_SUBADD
R/W
16
00010110
00000000
TGT0_CONFIG
R/W
17
00010111
10000000
TGT1_ADD
R/W
18
00011000
00000000
TGT1_SUBADD
R/W
19
00011001
00000000
TGT1_CONFIG
R/W
1A
00011010
00010000
TGT2_ADD
R/W
1B
00011011
00000000
TGT2_SUBADD
R/W
1C
00011100
00000000
TGT2_CONFIG
R/W
1D
00011101
00000000
TGT3_ADD
R/W
1E
00011110
00000000
TGT3_SUBADD
R/W
1F
00011111
00000000
TGT3_CONFIG
R/W
20
00100000
00000000
DATAWRITE_TGT0
R/W
21
00100001
00000000
STATUS_CONTROLLER
R
22
00100010
output
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
LSM6DSV80X
Sensor hub register mapping
DS14764 - Rev 1
page 145/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com