Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV80XTR Datasheet(PDF) 165 Page - STMicroelectronics

Part # LSM6DSV80XTR
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80XTR Datasheet(HTML) 165 Page - STMicroelectronics

Back Button LSM6DSV80XTR Datasheet HTML 161Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 162Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 163Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 164Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 165Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 166Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 167Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 168Page - STMicroelectronics LSM6DSV80XTR Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 181 page
background image
9.14
CTRL1 (10h) ................................................................. 56
9.15
CTRL2 (11h) ................................................................. 57
9.16
CTRL3 (12h) ................................................................. 58
9.17
CTRL4 (13h) ................................................................. 59
9.18
CTRL5 (14h) ................................................................. 60
9.19
CTRL6 (15h) ................................................................. 60
9.20
CTRL7 (16h) ................................................................. 61
9.21
CTRL8 (17h) ................................................................. 62
9.22
CTRL9 (18h) ................................................................. 63
9.23
CTRL10 (19h) ................................................................ 65
9.24
CTRL_STATUS (1Ah).......................................................... 65
9.25
FIFO_STATUS1 (1Bh) ......................................................... 66
9.26
FIFO_STATUS2 (1Ch) ......................................................... 66
9.27
ALL_INT_SRC (1Dh) .......................................................... 67
9.28
STATUS_REG (1Eh)........................................................... 68
9.29
OUT_TEMP_L (20h), OUT_TEMP_H (21h)........................................ 69
9.30
OUTX_L_G (22h) and OUTX_H_G (23h) ......................................... 69
9.31
OUTY_L_G (24h) and OUTY_H_G (25h) ......................................... 70
9.32
OUTZ_L_G (26h) and OUTZ_H_G (27h).......................................... 70
9.33
OUTX_L_A (28h) and OUTX_H_A (29h) .......................................... 71
9.34
OUTY_L_A (2Ah) and OUTY_H_A (2Bh) ......................................... 71
9.35
OUTZ_L_A (2Ch) and OUTZ_H_A (2Dh) ......................................... 72
9.36
UI_OUTX_L_A_HG (34h) and UI_OUTX_H_A_HG (35h) ............................ 73
9.37
UI_OUTY_L_A_HG (36h) and UI_OUTY_H_A_HG (37h) ............................ 73
9.38
UI_OUTZ_L_A_HG (38h) and UI_OUTZ_H_A_HG (39h) ............................ 74
9.39
TIMESTAMP0 (40h), TIMESTAMP1 (41h), TIMESTAMP2 (42h), and TIMESTAMP3 (43h) 75
9.40
UI_STATUS_REG (44h) ........................................................ 75
9.41
WAKE_UP_SRC (45h) ......................................................... 76
9.42
TAP_SRC (46h)............................................................... 77
9.43
D6D_SRC (47h) .............................................................. 78
9.44
STATUS_CONTROLLER_MAINPAGE (48h)....................................... 78
9.45
EMB_FUNC_STATUS_MAINPAGE (49h) ......................................... 79
9.46
FSM_STATUS_MAINPAGE (4Ah) ............................................... 79
9.47
MLC_STATUS_MAINPAGE (4Bh) ............................................... 80
9.48
HG_WAKE_UP_SRC (4Ch)..................................................... 80
9.49
CTRL2_XL_HG (4Dh).......................................................... 81
LSM6DSV80X
Contents
DS14764 - Rev 1
page 165/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com