Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJFC2B Datasheet(PDF) 4 Page - Amphenol PCD, Inc

Part # RJFC2B
Description  Ethernet Connection System for Harsh Environment –Industrial Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

RJFC2B Datasheet(HTML) 4 Page - Amphenol PCD, Inc

  RJFC2B Datasheet HTML 1Page - Amphenol PCD, Inc RJFC2B Datasheet HTML 2Page - Amphenol PCD, Inc RJFC2B Datasheet HTML 3Page - Amphenol PCD, Inc RJFC2B Datasheet HTML 4Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Amphenol Socapex Promenade de l’Arve – BP 29 – 74311 THYEZ - F
Tel. : + 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
http://www.rjfield.com
Amphenol ®
Part Number Code
Part Number Code
2
2
B
03
100 BTX
RJField
Shell Type
6 : Plug, Plastic Gland
6M : Plug, Metal Gland
2 : Square Flange Receptacle
2PE : IP67 In line square flange Receptacle
2PEM : IP67 In line square flange Receptacle, Metal Gland
7 : Jam Nut Receptacle
7PE : IP67 In line Jam Nut Receptacle
7PEM : IP67 In line Jam Nut Receptacle, Metal Gland
Back Terminations (For Receptacles only)
1 : Female RJ45
2 : RJ45 Cordset
Shell Finishes
B : Black Coating
N : Nickel (Note : with this version, the inserts are metallized)
G : Olive Drab Cadmium (Note : with this version, the inserts are metallized)
Cordset Length (For Receptacles with "2" Back Termination only)
03 : 0.3 meters [11.81 inches]
05 : 0.5 meters [19.68 inches]
10 : 1 meter [39.37 inches]
15 : 1.5 meters [59.05 inches]
00 : 8 tined holes at the rear of the PCB to solder the cable
Cabling Configuration (For "2" Receptacles only)
100BTX : 10/100 Base TX
568A
568B
Series
RJF
Examples :
- Nickel Plug: RJF 6 N
- Black square flange receptacle, Female RJ45 Back termination:
RJF 2 1 B
- Oliv Drab cadmium jam nut receptacle, 1.5m [59.05”] 100 BTX cordset termination:
RJF 7 2 G 15 100BTX
- Black in line square flange receptacle, 30cm [11.81”] 100BTX cordset termination:
RJF 2PE 2 B 03 100BTX
- Nickel Jam Nut Receptacle, solder termination :
RJF 72 N 00
Accessories :
Metallic cap
2B
Connector Type
6 : Plug
2 : Square Flange Receptacle
7 : Jam Nut Receptacle
Finishes
B : Black Coating
N : Nickel
G : Olive Drab Cadmium
RJFC
Plug Cap end
Type « 6 »
Square Flange
type « 2 »
Jam nut receptacle
type « 7 »
Receptacle cap
Plug cap
Panel gasket for square flange « 2 »
thickness : 0,6 mm – P/N : JE 18
Insert removal tool for receptacle
and plug – P/N = RJF ODE
Compatible with all receptacle type « 2 »
(Square flange recept). P/N : RJF SCC
(
*)
(*)RJF Receptacle have to be ordered separatly.
Remark : you can connect on our receptacle a standard
RJ45 cordset or a cordset equiped with our RJF 6xx plug
- Self closing cap (cap with a spring inside) :



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com