Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJFC2B Datasheet(PDF) 1 Page - Amphenol PCD, Inc

Part # RJFC2B
Description  Ethernet Connection System for Harsh Environment –Industrial Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

RJFC2B Datasheet(HTML) 1 Page - Amphenol PCD, Inc

  RJFC2B Datasheet HTML 1Page - Amphenol PCD, Inc RJFC2B Datasheet HTML 2Page - Amphenol PCD, Inc RJFC2B Datasheet HTML 3Page - Amphenol PCD, Inc RJFC2B Datasheet HTML 4Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Amphenol Socapex Promenade de l’Arve – BP 29 – 74311 THYEZ - F
Tel. : + 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
http://www.rjfield.com
Amphenol ®
Ethernet Connection System for Harsh
Environment – Industrial Ethernet
Transform your RJ45
cordset into a Harsh
Environment Connector !
Description
Description
RJField allows you to use an Ethernet Class D / Cat. 5e
connection for 10 BaseT,100 BaseTX or 1000 BaseT
networks in harsh environments:
• Sealed against fluids and dusts (IP67)
• Shock, Vibration and Traction resistant
• No cabling operation in field and no tools required
• Mechanical Coding / Polarization (4 positions)
With the patented RJStop
® system you can use a standard
RJ45 cordset in a metallic plug which will protect it from
shocks, dust and fluids.
No hazardous in-field cabling and grounding !
This metallic plug is connected into a receptacle, using a fast
¼ turn bayonet coupling mechanism (MIL-C-26482 type)
providing both “audible and visual” coupling.
On the receptacle, one female RJ45 is soldered onto a PCB
allowing for the following back terminations :
• another female RJ45
• a RJ45 cordset
• Solder termination
The RJ45 cordset shielding is transmitted to the RJ45
receptacle through lateral grounding fingers.
For an outstanding EMI protection, the conductive plating
versions (Ni, Cd) with metallized receptacle inserts, transmit
the shielding to the connector shells and finally to the panel.
Applications
Applications
• Robotics
• Industrial Process Control
• CNC Machines
• Special Machines
• Motion Control
• Data Acquisition and
Transmission in Harsh
Environment
• Tele-maintenance
RJ Field
RJ Field
Amphenol ®
Electronica 2004 :
RJField awarded « Component
Product of the Year »


Similar Part No. - RJFC2B

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
RJFC2B AMPHENOLPCD-RJFC2B Datasheet
737Kb / 3P
Ethernet connection system for harsh environment - industrial Ethernet
More results

Similar Description - RJFC2B

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
RJ45-IP67 CONEC-RJ45-IP67 Datasheet
2Mb / 28P
RJ45-IP67 Industrial Ethernet Connector System
logo
Amphenol Corporation
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
JE18 AMPHENOL-JE18 Datasheet
490Kb / 4P
Ethernet ConnectionConnectionSystem System for Harsh EnvironmentHarsh Environment The Industrial Ethernet SolutionEthernet Solution
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
The RJ45 system for harsh and demanding environment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com