Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS4016D Datasheet(PDF) 33 Page - Positronic.

Part # FS4016D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4016D Datasheet(HTML) 33 Page - Positronic.

Back Button FS4016D Datasheet HTML 29Page - Positronic. FS4016D Datasheet HTML 30Page - Positronic. FS4016D Datasheet HTML 31Page - Positronic. FS4016D Datasheet HTML 32Page - Positronic. FS4016D Datasheet HTML 33Page - Positronic. FS4016D Datasheet HTML 34Page - Positronic. FS4016D Datasheet HTML 35Page - Positronic. FS4016D Datasheet HTML 36Page - Positronic. FS4016D Datasheet HTML 37Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
MATERIALS AND FINISHES:
Insulator:
Glass filled polyester per ASTM D 5927
UL 94V-0, blue color.
Contacts:
Precision machined copper alloy.
Contact Plating:
SIGNAL:
Gold flash over nickel plate. Other finishes
available upon request, see page 81.
POWER:
Gold flash over nickel. Other finishes available
upon request, see page 81.
SHIELDED:
For contact platings, see page 68.
HIGH VOLTAGE:
For contact platings, see page 68.
Shells:
Steel with tin plate; zinc plate with chromate
seal; stainless steel passivated. Other materials
and finishes available upon request.
Mounting Spacers
Nylon; polyester; copper alloy or steel with zinc
and Brackets:
plate and chromate seal or tin plate; phosphor
bronze with tin plate; stainless steel, passivated.
Push-On Fasteners:
Phosphor bronze and beryllium copper with tin
plate.
Jackscrew Systems:
Brass or steel with zinc plate and chromate seal
or clear zinc plate or tin plate; stainless steel,
passivated.
Hoods:
Composite and plastic, UL 94V-0; brass
or steel with zinc plate and chromate seal
Aluminum; aluminum with electroless nickel
plate. For aluminum hoods, zinc content is
1% maximum. Die cast zinc.
TECHNICAL CHARACTERISTICS
Positronic’s Combo-D connectors are a popular choice for a
wide variety of applications. Many options make the Combo-D a
versatile connector choice.
CBDD high density series connectors are quality connectors
recommended for use in sheltered, non-corrosive indoor and
outdoor environments having normal ventilation, but without
temperature or humidity controls.
CBDD series connectors offer mixed contact combinations
of power, signal, and thermocouple contacts within the same
connector body.
CBDD series connectors utilize precision machined contacts
offering high reliability. Connector variants are available with
straight and right angle (90°) printed board mount terminations,
including compliant press-fit. For cable connectors see CBCD
section, page 39.
Female power contacts feature the Large Surface Area (L.S.A.)
closed entry contact design, which provides maximum mating
surfaces between male and female contacts and reduced contact
resistance during operation.
Fixed signal contacts are available with open entry female
contacts, professional level or PosiBand closed entry female
contacts, industrial level. Military contact plating is optional.
A wide assortment of printed board mounting hardware, cable
support hoods, and locking systems is available from stock.
A blind mating system is available for applications requiring
connector coupling in recessed areas or mobile power coupling
systems.
Straight and right angle PCB mount thermocouple contacts
are available, please contact Technical Sales for details.
CBDD series connectors utilize precision machined contacts
and meet applicable performance and dimensional requirements of
IEC 60807-7, MIL-DTL-24308 and AS39029.
Size 22 Fixed Signal and
Thermocouple Contacts
Size 16 Fixed Power Contacts
Size 8 Removable Power, Shielded,
Air and High Voltage Contacts
UL and CSA Recognition,
for status contact Technical Sales
Non-magnetic versions are available, contact Technical Sales.
MECHANICAL CHARACTERISTICS:
Signal Contacts,
Fixed:
Size 22 contacts, male – 0.030 inch
[0.76mm] mating diameter. Female – open
entry or PosiBand closed entry design, see
page 69 for details.
Power Contacts,
Fixed:
Size 16 contacts, male – 0.0625 inch
[1.588mm] mating diameter. Female
contacts - closed entry design.
Size 8 contacts, male - 0.142 inch [3.61mm]
mating diameter. Female contact features
Large Surface Area (L.S.A.) closed entry
contact design utilizing BeCu mechanical
retention member. Closed crimp barrel.
Contact Retention in Insulator:
SIGNAL SIZE 22
5 lbs. [21N] minimum
POWER SIZE 16
6 lbs [26N] minimum
SIZE 8
22 lbs [98N] for power, shielded and high
voltage.
Resistance to
500˚F [260˚C] for 10 seconds duration per
Solder Iron Heat:
IEC 60512-6.
Signal Contact
Solder contacts - 0.035 inch [0.89mm]
Terminations:
minimum hole diameter for 22 AWG
[0.3 mm2] wire maximum.
continued on next page. . . .
27
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
HIGH DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com