Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS4016D Datasheet(PDF) 14 Page - Positronic.

Part # FS4016D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4016D Datasheet(HTML) 14 Page - Positronic.

Back Button FS4016D Datasheet HTML 10Page - Positronic. FS4016D Datasheet HTML 11Page - Positronic. FS4016D Datasheet HTML 12Page - Positronic. FS4016D Datasheet HTML 13Page - Positronic. FS4016D Datasheet HTML 14Page - Positronic. FS4016D Datasheet HTML 15Page - Positronic. FS4016D Datasheet HTML 16Page - Positronic. FS4016D Datasheet HTML 17Page - Positronic. FS4016D Datasheet HTML 18Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
0.339
[8.61]
0.112
[2.84]
Typ.
Specify code 5
or 55 in step 4 of
ordering information.
Typical part number:
CBD17W2M55R7NT20
RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONNECTOR
WITH 0.078 [1.98] Ø POWER CONTACTS
CODE 5 AND 55, 0.283 [7.19] CONTACT EXTENSION
See temperature rise curves on pages 1 and 2
0.220 [5.59] Max.
±0.008
Fixed female
jackscrews
Push-on fastener,
beryllium copper.
Typical part number:
CBD36W4F55R7NT2X
0.220 [5.59] Max.
0.810
[20.57]
0.810
[20.57]
0.112 [2.84] Typ.
±0.008
0.112
[2.84] Typ.
0.112
[2.84] Typ.
0.125 [3.18] Ø
0.170 [4.32]
Nominal
Fixed female
jackscrews
Specify code 5
or 57 in step 4 of
ordering information.
Numbering shown is rear view of
male and face view of female.
Push-on fastener,
beryllium copper.
Typical part number:
CBD17W2M57R7NT20
CBD***R7*** 0.283 [7.19] CONTACT EXTENSION
SHELL SIZE
A
B
C
D
SHELL SIZE 1
1.204
[30.58]
0.984
[24.99]
0.339
[8.61]
0.283
[7.19]
SHELL SIZE 2
1.532
[38.91]
1.312
[33.32]
0.339
[8.61]
0.283
[7.19]
SHELL SIZE 3
2.072
[52.63]
1.852
[47.04]
0.339
[8.61]
0.283
[7.19]
SHELL SIZE 4
2.720
[69.09]
2.500
[63.50]
0.339
[8.61]
0.283
[7.19]
SHELL SIZE 5
2.626
[66.70]
2.406
[61.11]
0.395
[10.03]
0.283
[7.19]
Typical part number:
CBD36W4F57R7NT2X
RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONNECTOR
WITH 0.125 [3.18] Ø POWER CONTACTS
CODE 5 AND 57, 0.283 [7.19] CONTACT EXTENSION
See temperature rise curves on pages 1 and 2.
CBD***R7*** 0.283 [7.19] CONTACT EXTENSION
SHELL SIZE
A
B
C
D
SHELL SIZE 1
1.204
[30.58]
0.984
[24.99]
0.339
[8.61]
0.283
[7.19]
SHELL SIZE 2
1.532
[38.91]
1.312
[33.32]
0.339
[8.61]
0.283
[7.19]
SHELL SIZE 3
2.072
[52.63]
1.852
[47.04]
0.339
[8.61]
0.283
[7.19]
SHELL SIZE 4
2.720
[69.09]
2.500
[63.50]
0.339
[8.61]
0.283
[7.19]
SHELL SIZE 5
2.626
[66.70]
2.406
[61.11]
0.395
[10.03]
0.283
[7.19]
0.112
[2.84] Typ.
0.112
[2.84] Typ.
0.451
[11.46]
Numbering shown is rear view of
male and face view of female.
0.170 [4.32] Nominal
0.078 [1.98] Ø
0.028 [0.71] Ø
8
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com