Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASE Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASE
Description  3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASE Datasheet(HTML) 1 Page - Abracon Corporation

  ASE Datasheet HTML 1Page - Abracon Corporation ASE Datasheet HTML 2Page - Abracon Corporation ASE Datasheet HTML 3Page - Abracon Corporation ASE Datasheet HTML 4Page - Abracon Corporation ASE Datasheet HTML 5Page - Abracon Corporation ASE Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 02-18-22
For terms and conditions of sales, please visit:
www.abracon.com
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
ASE Series
3.2 x 2.5 x 1.2 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Parameters
Minimum
Typical
Maximum
Unite
Notes
Frequency Range
0.625
200
MHz
Operating Temperature
-10
+70
°C
STD (See options)
Storage Temperature
-55
+125
°C
Overall Frequency Stability
-100
+100
ppm
See options
Supply Voltage (Vdd)
+3.135
3.3
+3.465
V
Supply Current (Idd)
2.5
7
mA
0.5 ~ 20 MHz
4.4
13
20.1 ~ 40.0 MHz
6.5
19
40.01 ~ 60.0 MHz
12.7
24
60.01 ~ 75.0 MHz
7.4
20
75.01 ~ 80.0 MHz
7.4
25
80.01 ~ 133.0MHz
11.7
30
133.01 ~ 200.0 MHz
Symmetry @ 1/2Vdd
45
50
55
%
0.5 ~ 80.0MHz
40
50
60
80.01 ~ 200.0MHz
Rise and Fall Time (Tr/Tf)
2.5
4.0
ns
0.5 ~ 20 MHz
2.4
4.0
20.1 ~ 40.0 MHz
2.4
4.0
40.01 ~ 60.0 MHz
2.3
4.0
60.01 ~ 75.0 MHz
1.5
4.0
75.01 ~ 133.0 MHz
1.9
4.0
133.01 ~ 200.0 MHz
Output Load
15
pF
CMOS
Output Voltage (VOH)
0.9* Vdd
V
Output Voltage (VOL)
0.1* Vdd
V
Start-up Time
1
2.0
ms
0.5 ~ 20 MHz
1
2.0
20.1 ~ 40.0 MHz
1
2.0
40.01 ~ 60.0 MHz
1
2.0
60.01 ~ 75.0 MHz
1.2
2.0
75.01 ~ 133.0 MHz
1.5
2.0
133.01 ~ 200.0 MHz
Low height 1.2mm max
Tri-state function
Low current consumption
30mA max for 200MHz
Low RMS jitter 5ps max
Suitable for RoHS reflow
Available for tight stability option
CCD clock for VTR camera
Equipment connected to PC or PC cards
PDA, wireless communication
Laptop, SSD (Solid State Drive)
Key Electrical Specifications
Applications
Features


Similar Part No. - ASE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE ABRACON-ASE Datasheet
1Mb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
03.20.07
ASE ABRACON-ASE Datasheet
792Kb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
12.28.07
logo
Copal Electronics
ASE COPAL-ASE Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
logo
Vishay Siliconix
ASE VISHAY-ASE Datasheet
178Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
03-Jun-16
logo
Abracon Corporation
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results

Similar Description - ASE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE4 ABRACON-ASE4 Datasheet
685Kb / 2P
1.5V CMOS COMPATIBLE 3.2 x 2.5 SMD CRYSTAL CLOCK OSCILLATOR
08.15.08
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-LC33 FOX-FXO-LC33 Datasheet
852Kb / 16P
LVDS 3.2 x 2.5mm 3.3V Oscillator
logo
EUROQUARTZ limited
XOA32 EUROQUARTZ-XOA32 Datasheet
110Kb / 1P
3.2 x 2.5mm SMD oscillator with AT-Cut Crystal
XOE32 EUROQUARTZ-XOE32 Datasheet
165Kb / 1P
3.2 x 2.5mm SMD Tight Tolerance Oscillator
logo
Advanced Crystal Techno...
3225H-SMX-4 ACT-3225H-SMX-4 Datasheet
179Kb / 1P
3.2 x 2.5mm Crystal unit
logo
TAITIEN ELECTRONICS CO....
XO-0149-OA-M-CMOS TAITIEN-XO-0149-OA-M-CMOS Datasheet
550Kb / 1P
3.2 X 2.5mm SMD CMOS Output Crystal Oscillator
XO-0151-VA-M-CMOS TAITIEN-XO-0151-VA-M-CMOS Datasheet
601Kb / 1P
3.2 X 2.5mm SMD CMOS Output Voltage Controlled Crystal Oscillator
XO-0155-OX TAITIEN-XO-0155-OX Datasheet
344Kb / 1P
3.2 x 2.5mm SMD CMOS Output Crystal Oscillator
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com