Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57560G103F Datasheet(PDF) 3 Page - EPCOS

Part # B57560G103F
Description  THERMISTOR, NTC; Zero Power Resistance at 25°C:10kohm; Product Range:-; Thermistor Mounting:Through...
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57560G103F Datasheet(HTML) 3 Page - EPCOS

  B57560G103F Datasheet HTML 1Page - EPCOS B57560G103F Datasheet HTML 2Page - EPCOS B57560G103F Datasheet HTML 3Page - EPCOS B57560G103F Datasheet HTML 4Page - EPCOS B57560G103F Datasheet HTML 5Page - EPCOS B57560G103F Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
b
25.09.01
Ausg
.
Mitteilung
Datum
Name
Issue
Info No.
Date
Sign
DATENBLATT / DATA SHEET
HEISSLEITER / NTC
B57560G103+
4
Bl./Page
FBL1A/d
Resistance Temperature Characteristics
R at 25°C
10000 [
Ω]
B(0/100)
3450 [K] ± 1 [%]
RN at 25 °C
10000 [
Ω] ± 1 [%]
T
[°C]
R_nom
[
Ω
Ω
Ω
Ω]
R_min
[
Ω
Ω
Ω
Ω]
R_max
[
Ω
Ω
Ω
Ω]
∆∆∆∆R/R
N
[±%]
∆∆∆∆T
[±°C]
α
αα
α
[%/K]
-55
519911
493327
547873
5,4
0,8
6,4
-50
379894
361749
398909
5,0
0,8
6,2
-45
280697
268197
293750
4,7
0,8
6,0
-40
209603
200919
218639
4,3
0,7
5,8
-35
158088
152011
164393
4,0
0,7
5,6
-30
120372
116090
124800
3,7
0,7
5,4
-25
92484
89449
95612
3,4
0,7
5,2
-20
71668
69507
73889
3,1
0,6
5,0
-15
55993
54448
57576
2,8
0,6
4,9
-10
44087
42979
45218
2,6
0,5
4,7
-5
34971
34176
35780
2,3
0,5
4,6
0
27936
27365
28516
2,1
0,5
4,4
5
22468
22059
22882
1,8
0,4
4,3
10
18187
17895
18482
1,6
0,4
4,2
15
14813
14606
15021
1,4
0,3
4,1
20
12136
11991
12282
1,2
0,3
3,9
25
10000
9900
10100
1,0
0,3
3,8
30
8284
8186
8383
1,2
0,3
3,7
35
6899
6804
6994
1,4
0,4
3,6
40
5774
5685
5864
1,6
0,4
3,5
45
4856
4773
4940
1,7
0,5
3,4
50
4103
4025
4181
1,9
0,6
3,3
55
3482
3411
3554
2,1
0,6
3,2
60
2967
2902
3034
2,2
0,7
3,2
65
2539
2480
2600
2,4
0,8
3,1
70
2182
2127
2237
2,5
0,8
3,0
75
1882
1832
1932
2,7
0,9
2,9
80
1629
1584
1675
2,8
1,0
2,9
85
1415
1374
1457
3,0
1,1
2,8
90
1234
1196
1272
3,1
1,1
2,7
95
1079
1045
1114
3,2
1,2
2,7
100
946,6
915,6
978,6
3,4
1,3
2,6
105
833,1
804,9
862,3
3,5
1,4
2,5
110
735,5
709,7
762,1
3,6
1,5
2,5
115
651,1
627,6
675,5
3,7
1,6
2,4
120
578,1
556,5
600,4
3,9
1,6
2,4
125
514,6
494,9
535,1
4,0
1,7
2,3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com