Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57560G103F Datasheet(PDF) 4 Page - EPCOS

Part # B57560G103F
Description  THERMISTOR, NTC; Zero Power Resistance at 25°C:10kohm; Product Range:-; Thermistor Mounting:Through...
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57560G103F Datasheet(HTML) 4 Page - EPCOS

  B57560G103F Datasheet HTML 1Page - EPCOS B57560G103F Datasheet HTML 2Page - EPCOS B57560G103F Datasheet HTML 3Page - EPCOS B57560G103F Datasheet HTML 4Page - EPCOS B57560G103F Datasheet HTML 5Page - EPCOS B57560G103F Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
b
25.09.01
Ausg
.
Mitteilung
Datum
Name
Issue
Info No.
Date
Sign
DATENBLATT / DATA SHEET
HEISSLEITER / NTC
B57560G103+
5
Bl./Page
FBL1A/d
Resistance Temperature Characteristics
R at 25°C
10000 [
Ω]
B(0/100)
3450 [K] ± 1 [%]
RN at 25 °C
10000 [
Ω] ± 1 [%]
T
[°C]
R_nom
[
Ω
Ω
Ω
Ω]
R_min
[
Ω
Ω
Ω
Ω]
R_max
[
Ω
Ω
Ω
Ω]
∆∆∆∆R/R
N
[±%]
∆∆∆∆T
[±°C]
α
αα
α
[%/K]
130
459,4
441,3
478,1
4,1
1,8
2,2
135
411,1
394,5
428,3
4,2
1,9
2,2
140
368,8
353,5
384,6
4,3
2,0
2,2
145
331,6
317,6
346,2
4,4
2,1
2,1
150
298,9
285,9
312,3
4,5
2,2
2,1
155
270,0
258,1
282,4
4,6
2,3
2,0
160
244,4
233,4
255,9
4,7
2,4
2,0
165
221,7
211,6
232,4
4,8
2,5
1,9
170
201,6
192,2
211,5
4,9
2,6
1,9
175
183,6
174,9
192,8
5,0
2,7
1,8
180
167,6
159,5
176,1
5,1
2,8
1,8
185
153,3
145,7
161,2
5,2
2,9
1,8
190
140,4
133,4
147,8
5,3
3,0
1,7
195
128,9
122,3
135,8
5,3
3,1
1,7
200
118,5
112,4
124,9
5,4
3,3
1,7
205
109,1
103,4
115,1
5,5
3,4
1,6
210
100,7
95,34
106,3
5,6
3,5
1,6
215
93,01
88,03
98,27
5,7
3,6
1,6
220
86,08
81,40
91,01
5,7
3,7
1,5
225
79,78
75,39
84,41
5,8
3,9
1,5
230
74,05
69,93
78,40
5,9
4,0
1,5
235
68,83
64,96
72,93
5,9
4,1
1,4
240
64,08
60,43
67,93
6,0
4,2
1,4
245
59,73
56,30
63,36
6,1
4,4
1,4
250
55,75
52,51
59,18
6,2
4,5
1,4
255
52,11
49,05
55,35
6,2
4,6
1,3
260
48,76
45,88
51,83
6,3
4,8
1,3
265
45,69
42,96
48,59
6,3
4,9
1,3
270
42,87
40,28
45,61
6,4
5,1
1,3
275
40,26
37,81
42,87
6,5
5,2
1,2
280
37,86
35,54
40,34
6,5
5,4
1,2
285
35,64
33,44
38,00
6,6
5,5
1,2
290
33,59
31,50
35,83
6,7
5,7
1,2
295
31,70
29,70
33,82
6,7
5,8
1,2
300
29,94
28,04
31,96
6,8
6,0
1,1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com