Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPZA65R025CM8 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPZA65R025CM8
Description  MOSFET 650V CoolMOS™ CM8 Power Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZA65R025CM8 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPZA65R025CM8 Datasheet HTML 1Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 2Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 3Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 4Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 5Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 6Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 7Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 8Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
650V CoolMOS™ CM8 Power Transistor
IPZA65R025CM8
Public
Datasheet
3
Revision 2.1
https://www.infineon.com
2025‑03‑07
1   Maximum ratings
at   = 25°C, unless otherwise specified
T
Table 2      Maximum ratings
Parameter
Symbol
Values
Unit Note / Test condition
Min.
Typ.
Max.
Continuous drain current 1)
I
90
A
T =25°C
56
T =100°C
Pulsed drain current 2)
I
359
A T =25°C
Avalanche energy, single pulse
E
211
mJ I =6.0A; V =50V; see table 10
Avalanche energy, repetitive
E
1.06
Avalanche current, single pulse
I
6.0
A ‑
MOSFET dv/dt ruggedness
dv/dt
120
V/ns
V =0...400V
Gate source voltage (static)
V
‑20
20
V static;
Gate source voltage (dynamic)
V
‑30
30
V AC (f>1 Hz)
Power dissipation
P
431
W
T =25°C
Storage temperature
T
‑55
150
°C ‑
Operating junction temperature
T
Extended operating junction 
temperature
T
150
175
°C ≤50 h in the application lifetime
Mounting torque
60
Ncm M3 and M3.5 screws
Continuous diode forward current
I
90
A
T =25°C
Diode pulse current 2)
I
359
Reverse diode dv/dt 3)
dv/dt
70
V/ns
V =0...400V,  ≤90A,  =25°C see 
I
T
table 8
Maximum diode commutation 
speed
di /dt
1300
A/μs
Insulation withstand voltage
V
n.a.
V
V ,  =25°C,  =1min
T
t
    Limited by T
1)
    Pulse width t  limited by T
2)
    Identical low side and high side switch with identical R
3)
j
D
C
C
D,pulse
C
AS
D
DD
AR
AS
DS
GS
GS
tot
C
stg
j
j
S
C
S,pulse
DS
SD
j
F
ISO
rms
C
j,max
p
j,max
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com