Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPZA65R025CM8 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPZA65R025CM8
Description  MOSFET 650V CoolMOS™ CM8 Power Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZA65R025CM8 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPZA65R025CM8 Datasheet HTML 2Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 3Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 4Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 5Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 6Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 7Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 8Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 9Page - Infineon Technologies AG IPZA65R025CM8 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
650V CoolMOS™ CM8 Power Transistor
IPZA65R025CM8
Public
Datasheet
6
Revision 2.1
https://www.infineon.com
2025‑03‑07
Table 6      Gate charge characteristics
Parameter
Symbol
Values
Unit Note / Test condition
Min.
Typ.
Max.
Gate to source charge
Q
34
nC
V =400V,  =21.1A,  =0 to 10V
I
V
Gate to drain charge
Q
38
nC
Gate charge total
Q
124
nC
Gate plateau voltage
V
5.8
V
Table 7      Reverse diode characteristics
Parameter
Symbol
Values
Unit Note / Test condition
Min.
Typ.
Max.
Diode forward voltage
V
0.9
V
V =0V,  =21.1A,  =25°C
I
T
Reverse recovery time
t
150
187
ns
V =400V,  =21.1A, d /d =100A/μs; 
I
i t
see table 8
Reverse recovery charge
Q
1.1
1.66
μC
Peak reverse recovery current
I
15.3
A
gs
DD
D
GS
gd
g
plateau
SD
GS
F
j
rr
R
F
F
rr
rrm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com