Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34845 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
NXP Semiconductors
34845
6.2.5
Variable definition
D = Duty cycle
VOUT = Output voltage
VD = Diode voltage
VIN = Input voltage
VSW = Internal switch voltage drop.
∆VOUT = Output voltage ripple
IIN-AVG = Average input current = IL-AVG
IOUT = Output current
IIN-MAX = Maximum input current
r = Current ripple ratio at the inductor =
ΔIL/ IL-AVG
IRMS-CIN= RMS current for the input capacitor
IRMS-COUT= RMS current for output capacitor
L = Inductor.
RINDUCTOR= Inductor winding resistor
FSW= Boost switching frequency
COUT = Output capacitor
RCOMP = Compensation resistor
GM= OTA transconductance
ESRCOUT= ESR of the output capacitor
fRHPZ= Right half plane zero frequency
fCROSS= Crossover frequency
CCOMP1= Compensation capacitor
CCOMP2= Shunt compensation capacitor
6.2.6
Component suggestions
The Component Suggestions only apply to the conditions shown. Therefore, adjustments are necessary for different application
conditions.
Table 5. Component Suggestion Table
Application
Case
VIN(min)
VIN(Max)
VO(max)
VOVP
fBOOST
ILED per
channel
ROVP_UPPER
ROVP_LOWER
1
9.0 V
12 V
30 V
35 V
600 kHz
20 mA
680 k
Ω
167 k
Ω
2
6.0 V
12 V
43 V
48 V
300 kHz
23 mA
680 k
Ω
114 k
Ω
Application
Case
L(min)
L(min)
Continuous
mode
CIN(min)
COUT(min)
RCOMP at
VPWM =3.3V
RSHUNT at
VPWM =3.3 V
CCOMP1
CCOMP2
1
22
μH
33
μH
1x10
μF; X7R;
25 V
2 x 4.7
μF;
X7R; 50 V
3.3 k
Ω
10 k
Ω
33 nF
220 pF
2
22
μH
33
μH
1x10
μF; X7R;
25 V
4 x 2.2
μF;
X7R; 100 V
2.0 k
Ω
16 k
Ω
56 nF
220 pF
ISAT min = 2.6 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com