Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34845 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low cost six channel led backlight driver with integrated power supply
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
NXP Semiconductors
34845
4
Electrical characteristics
4.1
Absolute maximum ratings
Table 3. Absolute maximum ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage
to the device.
Symbol
Ratings
Value
Unit
Notes
Electrical ratings
VMAX
Maximum Pin Voltages
• SWA, SWB, VOUT
• CH1, CH2, CH3, CH4, CH5, CH6 (Off state)
• CH1, CH2, CH3, CH4, CH5, CH6 (On state)
• FAIL
• OVP
• COMP, ISET
• PWM, WAKE
• EN, VIN
-0.3 to 65
-0.3 to 45
-0.3 to 20
-0.3 to 7.0
-0.3 to 7.75
-0.3 to 2.7
-0.3 to 5.5
-0.3 to 24
V
ILED_MAX
Maximum LED Current per Channel
33
mA
VESD
ESD Voltage
Human Body Model (HBM)
Machine Model (MM)
±2000
±200
V
(2)
Thermal ratings
TA
Operating Ambient Temperature Range
-40 to 85
°C
TJ
Maximum Junction Temperature
150
°C
TS
Storage Temperature Range
-40 to 150
°C
TPPRT
Peak Package Reflow Temperature During Reflow
Note 4
°C
(3), (4)
TθJA
Thermal Resistance Junction to Ambient
36
°C/W
(5)
TθJC
Thermal Resistance Junction to Case
3.1
°C/W
(6)
PD
Power Dissipation
• TA = 25 °C
• TA = 85 °C
3.4
1.8
W
(5)
Notes
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (AEC-Q100-2) (CZAP = 100 pF, RZAP = 1500 Ω), and the Machine
Model (MM) (CZAP = 200 pF, RZAP = 0 Ω).
3.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause
malfunction or permanent damage to the device.
4.
NXP’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow Temperature and
Moisture Sensitivity Levels (MSL), Go to www.nxp.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all
orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
5.
Per JEDEC51-8 Standard for Multilayer PCB.
6.
Theoretical thermal resistance is from the die junction to the exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com