Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8865 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # ACT8865
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8865 Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button ACT8865 Datasheet HTML 2Page - Qorvo, Inc ACT8865 Datasheet HTML 3Page - Qorvo, Inc ACT8865 Datasheet HTML 4Page - Qorvo, Inc ACT8865 Datasheet HTML 5Page - Qorvo, Inc ACT8865 Datasheet HTML 6Page - Qorvo, Inc ACT8865 Datasheet HTML 7Page - Qorvo, Inc ACT8865 Datasheet HTML 8Page - Qorvo, Inc ACT8865 Datasheet HTML 9Page - Qorvo, Inc ACT8865 Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ACT8865
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Data Sheet Rev. H, September 2019 | Subject to change without notice
6 of 32
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
PIN DESCRIPTIONS CONT’D
PIN
NAME
DESCRIPTION
23
VDDREF
Power supply for the internal reference. Connect this pin directly to the system power supply.
Bypass VDDREF to GA with a 100nF capacitor placed as close to the IC as possible. Star
connection with VP1, VP2 and VP3 preferred.
24
OUT2
Output Feedback Sense for REG2. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
25
NC2
Not Connected. Not internally connected.
26
VP2
Power Input for REG2 and System Control. Bypass to GP2 with a high quality ceramic capacitor
placed as close to the IC as possible.
27
SW2
Switching Node Output for REG2. Connect this pin to the switching end of the inductor.
28
GP2
Power Ground for REG2. Connect GA, GP1,GP2 and GP3 together at a single point as close to
the IC as possible.
29
GP1
Power Ground for REG1. Connect GA, GP1,GP2 and GP3 together at a single point as close to
the IC as possible.
30
SW1
Switching Node Output for REG1. Connect this pin to the switching end of the inductor.
31
VP1
Power Input for REG1. Bypass to GP1 with a high quality ceramic capacitor placed as close to
the IC as possible.
32
REFBP
Reference Bypass. Connect a 0.047μF ceramic capacitor from REFBP to GA. This pin is
discharged to GA in shutdown.
EP
EP
Exposed Pad. Must be soldered to ground on PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com