Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8865 Datasheet(PDF) 24 Page - Qorvo, Inc

Part # ACT8865
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8865 Datasheet(HTML) 24 Page - Qorvo, Inc

Back Button ACT8865 Datasheet HTML 20Page - Qorvo, Inc ACT8865 Datasheet HTML 21Page - Qorvo, Inc ACT8865 Datasheet HTML 22Page - Qorvo, Inc ACT8865 Datasheet HTML 23Page - Qorvo, Inc ACT8865 Datasheet HTML 24Page - Qorvo, Inc ACT8865 Datasheet HTML 25Page - Qorvo, Inc ACT8865 Datasheet HTML 26Page - Qorvo, Inc ACT8865 Datasheet HTML 27Page - Qorvo, Inc ACT8865 Datasheet HTML 28Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ACT8865
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Data Sheet Rev. H, September 2019 | Subject to change without notice
24 of 32
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
FUNCTIONAL DESCRIPTION
I
2C Interface
The ACT8865 features an I
2C interface that allows
advanced programming capability to enhance overall
system performance. To ensure compatibility with a wide
range of system processors, the I
2C interface supports
clock speeds of up to 400kHz (“Fast-Mode” operation)
and
uses
standard
I
2C commands. I2C write-byte
commands are used to program the ACT8865, and I
2C
read-byte commands are used to read the ACT8865’s
internal registers. The ACT8865 always operates as a
slave device, and is addressed using a 7-bit slave
address followed by an eighth bit, which indicates
whether the transaction is a read- operation or a write-
operation, [1011011x].
SDA is a bi-directional data line and SCL is a clock
input. The master device initiates a transaction by
issuing a START condition, defined by SDA transitioning
from high to low while SCL is high. Data is transferred in
8-bit packets, beginning with the MSB, and is clocked-
in on the rising edge of SCL. Each packet of data is
followed by an “Acknowledge” (ACK)
bit, used to
confirm that the data was transmitted successfully.
For more information regarding the I
2C 2-wire serial
interface, go to the NXP website: http://www.nxp.com.
Voltage Monitor and Interrupt
Programmable System Voltage Monitor
The ACT8865 features a programmable system- voltage
monitor, which monitors the voltage at VDDREF and
compares it to a programmable threshold voltage. The
programmable
voltage threshold is programmed by
SYSLEV[3:0], as shown in Table 3.
SYSLEV[ ] is set to 3.0V by default. There is a 200mV
rising hysteresis on SYSLEV[ ] threshold such that
VVDDREF needs to be 3.2V(typ) or higher in order to power
up the IC.
The nSYSSTAT[ ] bit reflects the output of an internal
voltage comparator that monitors VDDREF relative to
the SYSLEV[ ] voltage threshold, the value of nSYSTAT[
] = 1 when VVDDREF is lower than the SYSLEV[ ] voltage
threshold, and nSYSTAT[ ] =
0 when VVDDREF is higher than the SYSLEV[ ] voltage
threshold. Note that the SYSLEV[ ] voltage threshold is
defined for falling voltages, and that the comparator
produces about 200mV of hysteresis at VDDREF. As a
result, once VVDDREF falls below the SYSLEV threshold,
its voltage must increase by more than about 200mV to
clear that condition.
After the IC is powered up, the ACT8865 responds in one
of two ways when the voltage at VDDREF falls
below the SYSLEV[ ] voltage threshold:
1) If nSYSMODE[ ] = 1 (default case), when system v o l t
ag e l e v e l i n t e r r up t is u n ma s k e d (nSYSLEVMSK
[ ]=1) and VVDDREF falls below the programmable
threshold, the ACT8865 asserts nIRQ, providing a
software “under-voltage alarm”. The response to this
interrupt is controlled by the CPU, but will typically
initiate a controlled shutdown sequence either or alert
the user that the battery is low. In this case the
interrupt is cleared when VVDDREF rises up again above
the SYSLEV rising threshold and nSYSSTAT[ ] is read
via I
2C.
2) If nSYSMODE[ ] = 0, when VVDDREF falls below the
programmable threshold the ACT8865 shuts down,
immediately disabling all regulators. This option is
useful for implementing a programmable “under- voltage
lockout” function that forces the system off when the
battery
voltage falls
below
the
SYSLEV threshold
voltage. Since this option does not support a controlled
shutdown sequence, it is generally used as a "fail-safe"
to shut the system down when the battery voltage is
too low.
Table 3:
SYSLEV Falling Threshold
SYSLEV[3:0]
SYSLEV Falling Threshold
(Hysteresis = 200mV)
0000
2.3
0001
2.4
0010
2.5
0011
2.6
0100
2.7
0101
2.8
0110
2.9
0111
3.0
1000
3.1
1001
3.2
1010
3.3
1011
3.4
1100
3.5
1101
3.6
1110
3.7
1111
3.8
Thermal Shutdown
The ACT8865 integrates thermal shutdown protection
circuitry to prevent damage resulting from excessive
thermal stress, as may be encountered under fault
conditions. This circuitry disables all regulators if the
ACT8865 die temperature exceeds 160°C, and prevents
the
regulators
from
being
enabled
until
the
IC
temperature drops by 20°C (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com