Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

607 Datasheet(PDF) 12 Page - Abbatron All Rights Reserved

Part # 607
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

607 Datasheet(HTML) 12 Page - Abbatron All Rights Reserved

Back Button 607 Datasheet HTML 8Page - Abbatron All Rights Reserved 607 Datasheet HTML 9Page - Abbatron All Rights Reserved 607 Datasheet HTML 10Page - Abbatron All Rights Reserved 607 Datasheet HTML 11Page - Abbatron All Rights Reserved 607 Datasheet HTML 12Page - Abbatron All Rights Reserved 607 Datasheet HTML 13Page - Abbatron All Rights Reserved 607 Datasheet HTML 14Page - Abbatron All Rights Reserved 607 Datasheet HTML 15Page - Abbatron All Rights Reserved 607 Datasheet HTML 16Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
10
Dual Instrument Test Adapters
HH Smith
1516
Shorting type adapter with dual banana jacks to dual
banana plugs. Internal busbar shorted across line.
ABS body contains banana jack holes for side stacking.
Banana plug springs are Beryllium Copper. Standard 3/4”
centers.
1676
Dual banana plugs to dual banana jacks. Cable mount
design.
Turret terminal connections for permanent solder, wires or
components.
ABS body, banana springs are beryllium copper. 3/4”
standard centers.
210
Dual banana plugs to dual banana jacks. Cable mounted
design.
ABS body features ground polarity indicator. Internal set
screws hold wire secure.
1675
Dual banana plugs to dual banana jacks. 7/32” diameter
cable mount design.
Set screws secure leads to conductors.
Standard 3/4” centers. ABS body, nickel plated beryllium
copper springs.
Ratings
Rated at 15 amps AC, for 10oC temperature rise, con-
tinuous duty, except where limited by coaxial connectors.
5KV, 60 cycle AC continuous working voltage, except
where limited by coaxial connectors.
Capacitance: 1.0 pf between conductors.
Resistance: 1 Milliohm or less per conductor.
*
All adapters shown are available in red (-102) or black
(-103).
1676
1516
1675
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com