Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C166 Datasheet(PDF) 2 Page - Arm Limited (or its affiliates).

Part # C166
Description  Real-time operating systems for C166 devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

C166 Datasheet(HTML) 2 Page - Arm Limited (or its affiliates).

  C166 Datasheet HTML 1Page - Arm Limited (or its affiliates). C166 Datasheet HTML 2Page - Arm Limited (or its affiliates). C166 Datasheet HTML 3Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Real-time operating systems for C166 devices
Copyright © 2022 Arm Ltd. All rights reserved
https://developer.arm.com/documentation/107724/latest
2
• Kernel routines are provided by a library that is automatically included by the linker. All you must do is
specify the RTX166TNY directive.
• Interrupts may be used to trigger tasks or to start standard C166 interrupt functions.
• RTX166 Tiny supports all C166 Compiler memory models.
ARTX-166
ARTX-166 is an advanced real-time kernel for the Infineon XC16x and C16x as well as the STMicroelectronics
ST10 families of microcontrollers. It is designed to solve several problems in embedded programs:
• Multitasking allows you to manage several jobs (tasks) on a single CPU.
• Real-time control allows you to configure tasks so that operations execute within a defined period. You
have control over task priorities, round-robin, preemptive context switching, and support for multiple
instances of the same task function.
• Flash file system allows you to create, save, read, and modify files stored on a flash memory device.
• TCP/IP networking is a ground-up implementation specifically designed for embedded applications. It
helps you to create TCP/IP solutions that connect to standard internet browsers.
Features
For a comprehensive list of features refer to the C166 RTOS Comparison Table. Here are the highlights:
Kernel
• Tasks are integrated into the C166 C Compiler language. The following example shows how tasks are
declared:
void display_task (void) __task
{
}
• Kernel routines are provided by a library that is automatically included by the linker. All you must do is
specify the AR166 linker directive or select Advanced RTX166 within the µVision IDE.
• Interrupts may be used to trigger tasks or to start standard C166 interrupt functions.
• Several methods of inter-task communication are provided including events, mailboxes, and
semaphores.
• ARTX-166 supports all C166 Compiler memory models except the Tiny Model.
Flash File System
• Stores data in binary, ASCII, or any other format.
• Flash file system applications are written using standard C constructs.
• You may specify numerous configuration parameters including maximum number of files, file I/O buffer
size, and sector layout.
• Code to write and erase flash blocks is easy to configure for each project.
TCP/IP Networking
• A TCP/IP Library supports internetworking on C16x, XC16x, and ST10 devices.
• Protocols supported: ARP, UDP, TCP, HTTP, TFTP, SMTP, DHCP, Telnet.
• Pre-configured for Crystal CS8900A and Asix Ax88796 Ethernet Controllers. Other Ethernet controllers
may be used with user-configured initialization routines.
• Several example projects are available.
Documentation
All C166 documentation (including RTX166 Tiny and ARTX-166) is available here:
developer.arm.com/documentation/101638/latest/



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com