| Electronic Components Datasheet Search |
|
C166 Datasheet(PDF) 1 Page - Arm Limited (or its affiliates). |
|
|
|||||||||||||||||||||||||||||
C166 Datasheet(HTML) 1 Page - Arm Limited (or its affiliates). |
|
1 / 3 page ![]() Real-time operating systems for C166 devices V1.0, Summer 2022 keil-feedback@arm.com Real-time operating systems for C166 devices Copyright © 2022 Arm Ltd. All rights reserved https://developer.arm.com/documentation/107724/latest 1 Contents Introduction................................................................................................................................................................1 RTX166 Tiny ................................................................................................................................................................1 Features ..................................................................................................................................................................1 ARTX-166 ....................................................................................................................................................................2 Features ..................................................................................................................................................................2 Kernel ..................................................................................................................................................................2 Flash File System .................................................................................................................................................2 TCP/IP Networking ..............................................................................................................................................2 Documentation...........................................................................................................................................................2 C166 RTOS Comparison Table ....................................................................................................................................3 Introduction Keil PK166 Professional Developer’s Kit supports the C166 architecture with two real-time operating systems: • RTX166 Tiny is included in the package, and it is designed for single-chip applications where code size is the most important factor. • ARTX-166 is available as a separate purchase and offers multitasking and adds a flash file system and TCP/IP networking support. RTX166 Tiny RTX166 Tiny is a small real-time kernel designed for single-chip applications where code size is the most important factor. The kernel requires only 1,500 bytes of code space and is well-suited for applications that don't need RTOS features like messaging, semaphores, and memory pool management. • It supports all memory models of the Keil C166 Compiler. Operating system variables and task stacks are stored in internal memory. • It performs round-robin and cooperative multitasking only. Preemptive task switching and task priorities are not supported. If you need these features, you should consider ARTX-166. • It uses one timer (0-6) for the operating system timer tick and requires 1,500 bytes of code space and 4 bytes of data space for each task. No other hardware resources are used. • RTX166 Tiny is royalty-free. Features For a comprehensive list of features refer to the C166 RTOS Comparison Table. Here are the highlights: • RTX166 Tiny tasks are integrated into the C166 C Compiler language. The following example shows how tasks are declared: void display_task (void) _task_ 1 { } |
Similar Part No. - C166 |
|
Similar Description - C166 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |