Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3003 Datasheet(PDF) 19 Page - Abbatron All Rights Reserved

Part # 3003
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

3003 Datasheet(HTML) 19 Page - Abbatron All Rights Reserved

Back Button 3003 Datasheet HTML 15Page - Abbatron All Rights Reserved 3003 Datasheet HTML 16Page - Abbatron All Rights Reserved 3003 Datasheet HTML 17Page - Abbatron All Rights Reserved 3003 Datasheet HTML 18Page - Abbatron All Rights Reserved 3003 Datasheet HTML 19Page - Abbatron All Rights Reserved 3003 Datasheet HTML 20Page - Abbatron All Rights Reserved 3003 Datasheet HTML 21Page - Abbatron All Rights Reserved 3003 Datasheet HTML 22Page - Abbatron All Rights Reserved 3003 Datasheet HTML 23Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
17
Spring Loaded Binding Posts
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
1837
ML-P-55149/8 commercial version, this heavy duty, water-
proof post is meant for rugged applications.
Body is nickel plated brass.
Insulated washers are molded nylon. Cap is silicon rubber,
as are “O” ring waterproof seals for panel.
Body mounts into 5/16” hole in panel from 1/16” to 1/8”
thick.
Spring loaded push cap tightly grips wire in side slot.
To connect circuit, wrap wire around solder turret or attach
to solder lug between nuts (lug not supplied).
Please refer to Table A (page 12) for post rating infor-
mation.
Available in red (-102, MIL Spec Type PB 08NA02) or black
(-103, MIL Spec Type PB 08NA01).
1837-
A
5/16
10-32
1
1839-
B
9/32
6-32
5/8
PLATING
POST
THREAD
FIG.
STUD LENGTH
Nickel
PART NO.
MNTG
HOLE
1839
High retention spring loaded binding post.
70 lb/in spring compression rate.
Based on MIL-P-55149/10.
Waterproof to 1m.
Top insulating washer is over-molded on the post.
Anti-rotational design.
Nickel finish.
Spring loaded push cap tightly grips wire in slot.
Available in red (-102) or black (-103).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com