Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9503 Datasheet(PDF) 34 Page - Abbatron All Rights Reserved

Part # 9503
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9503 Datasheet(HTML) 34 Page - Abbatron All Rights Reserved

Back Button 9503 Datasheet HTML 30Page - Abbatron All Rights Reserved 9503 Datasheet HTML 31Page - Abbatron All Rights Reserved 9503 Datasheet HTML 32Page - Abbatron All Rights Reserved 9503 Datasheet HTML 33Page - Abbatron All Rights Reserved 9503 Datasheet HTML 34Page - Abbatron All Rights Reserved 9503 Datasheet HTML 35Page - Abbatron All Rights Reserved 9503 Datasheet HTML 36Page - Abbatron All Rights Reserved 9503 Datasheet HTML 37Page - Abbatron All Rights Reserved 9503 Datasheet HTML 38Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
Grommets
INSIDE
MNTG.
CHASSIS
DIA.
HOLE
THKNS.
A
B
C
D
E
2185
3/16
5/16
91114
11/32
2058
5/32
3/8
2172
5/16
7/16
7/32
91103
7/16
1/8
9/16
3/8
2170
1/4
3/8
1/16
5/8
1/4
91116
B
1/8
3/4
3/8
91106
C
3/16
5/8
1/2
2174
1/16
19/32
15/64
91117
1/8
9/16
3/8
91107
3/32
5/8
5/16
2175
1/2
41/64
1/4
2177
7/16
9/16
3/4
1/4
2186
1/2
3/4
2188
9/16
13/16
2187
5/8
1-1/8
2189
3/4
1/32
1"
5/32
3/16
5/16
ILLUS.
THKNS.
O.D.
1/16
7/8
1/16
1/16
1/4
PART
1/2
3/8
A
5/16
A
7/16
1/8
3/16
Caterpillar Grommets
CHASSIS
THICKNESS PANEL WIDTH
THCK HEIGHT
RANGE
A
B
C
D
2692
.042-.052
.047
.139
.047
.190
25'
2693
.075-.085
.080
.182
.052
.200
25'
2694
.115-.125
.120
.232
.057
.220
25'
DIMENSIONS
PART NO.
LENGTH
A
B
C
• Insulates and prevents chafing wires.
• Made of black nylon, type 6/6.
• Grommets are made from Black Buna-S Synthetic
Rubber (SBR), approximately 60 durometer.
• Prevents wire chafing through holes in panels from 1/16"
to 7/8” as indicated in table.
Alternative sizes and shapes are available in quantity from
factory. Call for details.
32
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com