Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8302 Datasheet(PDF) 28 Page - Abbatron All Rights Reserved

Part # 8302
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

8302 Datasheet(HTML) 28 Page - Abbatron All Rights Reserved

Back Button 8302 Datasheet HTML 24Page - Abbatron All Rights Reserved 8302 Datasheet HTML 25Page - Abbatron All Rights Reserved 8302 Datasheet HTML 26Page - Abbatron All Rights Reserved 8302 Datasheet HTML 27Page - Abbatron All Rights Reserved 8302 Datasheet HTML 28Page - Abbatron All Rights Reserved 8302 Datasheet HTML 29Page - Abbatron All Rights Reserved 8302 Datasheet HTML 30Page - Abbatron All Rights Reserved 8302 Datasheet HTML 31Page - Abbatron All Rights Reserved 8302 Datasheet HTML 32Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Insulated Tip Jacks
•
Mounts in panel hole as indicated, with hardware supplied
for fully insulated mounting.
•
Wire lead solders to contact lug or wraps and solders to
turret.
•
Rated at 10 Amps AC for 10oC temperature rise, continuous
duty. Voltage, capacitance ratings per table.
•
Available in red (-102) or black (-103) as standard colors.
Call for other colors.
VOLTAGE CAPACITY
1598
A
All insulated, Quick Mounting
3/16
1 KV
4.0 pf
1505
B
All insulated, Turret Terminal
1506
C
All insulated, Eyelet Terminal
1507
D
All insulated, Feed-Thru Brass Turret
1503
E
Insulated Body, Metal Shell, Feed-Thru
3501
F
Insulated Body, Metal Shell, Turret
Terminal
MIL
MIL Version Per MIL-C-39024/10
Version Per MIL-C-39024/10
3502
Insulated Body, Metal Shell, Eyelet
Terminal
RATINGS
MOUNTING
HOLE
2 KV
3.0 pf
10.0 pf
PART NO. ILLUS.
TYPE
1/4
26
A
E
F
G
B
C
D
HH Smith



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com