Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3021 Datasheet(PDF) 13 Page - Abbatron All Rights Reserved

Part # 3021
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

3021 Datasheet(HTML) 13 Page - Abbatron All Rights Reserved

Back Button 3021 Datasheet HTML 9Page - Abbatron All Rights Reserved 3021 Datasheet HTML 10Page - Abbatron All Rights Reserved 3021 Datasheet HTML 11Page - Abbatron All Rights Reserved 3021 Datasheet HTML 12Page - Abbatron All Rights Reserved 3021 Datasheet HTML 13Page - Abbatron All Rights Reserved 3021 Datasheet HTML 14Page - Abbatron All Rights Reserved 3021 Datasheet HTML 15Page - Abbatron All Rights Reserved 3021 Datasheet HTML 16Page - Abbatron All Rights Reserved 3021 Datasheet HTML 17Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Dual Instrument Test Adapters
11
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
1682
Insulated dual binding posts to standard dual banana
plugs.
ABS body contains banana jack holes for side stacking.
Banana plug springs are beryllium copper.
Available in black body; one red, one black binding post head.
Standard 3/4" centers.
1686
BNC coaxial jack to dual banana plugs.
ABS body contains banana jack holes for side stacking.
Banana plug springs are beryllium copper.
Available in black body; one red, one black binding post head.
Standard 3/4" centers.
1687
BNC coaxial plug to standard dual banana plugs.
ABS body contains banana jack holes for side stacking.
Standard 3/4" centers.
1688
Insulated dual binding posts to male BNC coaxial connector.
MIL UG-144/U style.
ABS body contains banana jack holes for side stacking.
Standard 3/4" centers.
1689
Insulated dual binding posts to BNC coaxial jack.
ABS body contains banana jack holes for side stacking.
Available in black body; one red, one black binding post
head. Standard 3/4" centers.
1686
1687
1682
1688
1689
Ratings:
Rated at 15 Amps AC, for 10oC temperature rise,
continuous duty, except where limited by coaxial
connectors.
5KV, 60 cycle AC continuous working voltage,
except where limited by coaxial connectors.
Capacitance: 1.0 pf between conductors.
Resistance: 1 Milliohm or less per conductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com