Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6740L Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 4Page - STMicroelectronics L6740L Datasheet HTML 5Page - STMicroelectronics L6740L Datasheet HTML 6Page - STMicroelectronics L6740L Datasheet HTML 7Page - STMicroelectronics L6740L Datasheet HTML 8Page - STMicroelectronics L6740L Datasheet HTML 9Page - STMicroelectronics L6740L Datasheet HTML 10Page - STMicroelectronics L6740L Datasheet HTML 11Page - STMicroelectronics L6740L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Pins description and connection diagrams
L6740L
8/44
2
Pins description and connection diagrams
Figure 5.
Pins connection (Top View)
2.1
Pin descriptions
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
36 35 34 33 32 31 30 29 28 27 26 25
123456789 10 11 12
CS1+
CS1-
CS2+
CS2-
CS3+
CS3-
CS4+
CS4-
OC_PHASE
N.C.
NB_ISEN
N.C.
PWM1
PWM2
PWM3
PWM4
NB_PWM
ENDRV
NB_ENDRV
PWRGOOD
SVD
SVC
EN
PWROK
L6740L
Table 2.
Pin description
Pin#
Name
Function
1VCC
Device power supply.
Operative voltage is 12V ±15%. Filter with 1
µF MLCC to SGND.
2SGND
All the internal references are referred to this pin. Connect to the PCB
Signal Ground.
3
COMP
Error amplifier output.
Connect with an RF - CF to FB. The CORE section or the device cannot
be disabled by grounding this pin.
4FB
Error amplifier inverting input.
Connect with a resistor RFB to VSEN and with an RF - CF to COMP. Off-
set current programmed by OS is sunk through this pin.
5DROOP
A current proportional to the total current read is sourced from this pin
according to the Current Reading Gain.
Short to FB to implement Droop Function, if not used, short to SGND.
6
VSEN
Output voltage monitor.
It manages OVP and UVP protections and PWRGOOD. Connect to the
positive side of the load for remote sensing. See Section 7 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com