Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6740L Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6740L
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740L Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6740L Datasheet HTML 17Page - STMicroelectronics L6740L Datasheet HTML 18Page - STMicroelectronics L6740L Datasheet HTML 19Page - STMicroelectronics L6740L Datasheet HTML 20Page - STMicroelectronics L6740L Datasheet HTML 21Page - STMicroelectronics L6740L Datasheet HTML 22Page - STMicroelectronics L6740L Datasheet HTML 23Page - STMicroelectronics L6740L Datasheet HTML 24Page - STMicroelectronics L6740L Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
L6740L
Hybrid CPU support and CPU_TYPE detection
21/44
5.4.2
PWROK de-assertion
Anytime PWROK de-asserts while EN is asserted, the controller uses the previously stored
Pre-PWROK Metal VID and regulates all the planes to that level performing an On-the-Fly
transition to that level.
PWRGOOD is treated appropriately being de-asserted in case the Pre-PWROK Metal VID
voltage is out of the initial voltage specifications.
5.4.3
PSI_L and efficiency optimization at light-load.
PSI_L is an active-low flag (i.e. low logic level when asserted) that can be set by the CPU to
allow the VR to enter Power-Saving mode to maximize the system efficiency when in light-
load conditions. The status of the flag is communicated to the controller through the SVI bus
and it is reported on the PSI_L pin (open-drain).
The controller monitors the PSI_L pin also to define the PSI Strategy, that is the action
performed by the controller when PSI_L is asserted. According to Table 10, by programming
different voltage divider on PSI_L, it is possible to configure the device to disable one or two
phases while PSI_L is asserted. The device can also be configured to take no action so
phase number will not change after PSI_L assertion.
In case the phase number is changed, the device will disable one or two phases starting
from the highest one (i.e. if working at 3 phases, phase 3 will be disabled in case of 1 phase
reduction; phase 2 and 3 in case of 2phase reduction). To disable Phases, the controller will
set HiZ on the related PWM and re-configure internal phase-shift to maintain the
interleaving. Furthermore, the internal current-sharing will be adjusted to consider the phase
number reduction. ENDRV will remain asserted.
When PSI_L is de-asserted, the device will return to the original configuration.
Start-up is performed with all the configured phases enabled. In case of On-the-Fly VID
transitions, the device will maintain the phase configuration set before.
PSI Strategy (i.e. the voltage across PSI_L) is read and stored when PWRGOOD is
asserted at the end of the Soft-Start phase.
The phase number management is affected by the external driver selected.
If the external driver features the EN function, PSI_L can be tied directly to the EN of
the drivers of the phases that will be disabled.
Furthermore, in case the desired strategy is to work in single phase when 4phases are
configured, PSI_L can be tied also to the EN of the driver connected to Phase2
(apparently, from 4phases the max reduction would be to 2phase min.) in order to
disable also this phase during low-power mode.
If the external driver manages HiZ through the PWM input, PSI_L will be connected
only to the external divider used to set the strategy. The system can be down-graded to
single-phase only if configured for three phases.
Since PSI_L can be used to enable some of the external drivers connected, the status of the
pin is the logic AND between the PSI_L Flag and the status of the ENDRV pin: if the
controller wants to disable the external drivers pulling low ENDRV (because of protections
or simply for start-up synchronization) also PSI_L will be tied low.
NB Section is not impacted by PSI_L status change. Figure 8 shows an example of the
efficiency improvement that can be achieved by enabling the PSI management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com